Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V416L12BEG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 71V416L12BEG8
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V416L12BEG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  71V416L12BEG8 Datasheet HTML 1Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 2Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 3Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 4Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 5Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 6Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 7Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 8Page - Integrated Device Technology 71V416L12BEG8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.42
IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
3
Absolute Maximum Ratings(1)
RecommendedOperating
Temperature and Supply
Voltage
Recommended DC Operating
Conditions
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
NOTES:
1. VIH (max.) = VDD+2V for pulse width less than 5ns, once per cycle.
2. VIL (min.) = –2V for pulse width less than 5ns, once per cycle.
Truth Table(1)
NOTE:
1. H = VIH, L = VIL, X = Don't care.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative to VSS
-0.5 to +4.6
V
VIN, VOUT
Terminal Voltage Relative to
VSS
-0.5 to VDD+0.5
V
TBIAS
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-55 to +125
o
C
PT
Power Dissipation
1
W
IOUT
DC Output Current
50
mA
3624 tbl 04
Grade
Temperature
VSS
VDD
Commercial
0OC to +70OC0V
See Below
Industrial
–40OC to +85OC0V
See Below
3624 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3(1)
V
VIL
Input Low Voltage
-0.3(2)
____
0.8
V
3624 tbl 06
CS
OE
WE
BLE
BHE
I/O0-I/O7
I/O8-I/O15
Function
H
X
X
X
X
High-Z
High-Z
Deselected - Standby
L
L
HL
HDATAOUT
High-Z
Low Byte Read
L
L
H
H
L
High-Z
DATAOUT
High Byte Read
LL
H
L
LDATAOUT
DATAOUT
Word Read
LX
L
L
L
DATAIN
DATAIN
Word Write
LX
L
L
H
DATAIN
High-Z
Low Byte Write
L
X
L
H
L
High-Z
DATAIN
High Byte Write
L
H
H
X
X
High-Z
High-Z
Outputs Disabled
L
X
X
H
H
High-Z
High-Z
Outputs Disabled
3624 tbl 03


Similar Part No. - 71V416L12BEG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V416S10YGI8 IDT-71V416S10YGI8 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - 71V416L12BEG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com