Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V2556SA150BGGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 71V2556SA150BGGI8
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2556SA150BGGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  71V2556SA150BGGI8 Datasheet HTML 1Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 2Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 3Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 4Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 5Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 6Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 7Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 8Page - Integrated Device Technology 71V2556SA150BGGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6.42
4
IDT71V2556, 128K x 36, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
RecommendedOperating
Temperature and Supply Voltage
Pin Configuration — 128K x 36
NOTES:
1. Pins 14, 16 and 66 do not have to be connected directly to VDD as long as the input voltage is
≥ VIH.
2. Pins 83 and 84 are reserved for future 8M and 16M respectively.
3. Pin 64 does not have to be connected directly to VSS as long as the input voltage is
≤ VIL; on the latest die revision this pin supports ZZ (sleep mode).
Top View
TQFP
100 99 98 97 96 95 94 93 92 91 90
87 86 85 84 83 82 81
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
I/O31
I/O30
VDDQ
VSS
I/O29
I/O28
I/O27
I/O26
VSS
VDDQ
I/O25
I/O24
VSS
VDD
I/O23
I/O22
VDDQ
VSS
I/O21
I/O20
I/O19
I/O18
VSS
VDDQ
I/O17
I/O16
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
I/O14
VDDQ
VSS
I/O13
I/O12
I/O11
I/O10
VSS
VDDQ
I/O9
I/O8
VSS
VDD
I/O7
I/O6
VDDQ
VSS
I/O5
I/O4
I/O3
I/O2
VSS
VDDQ
I/O1
I/O0
4875 drw 02
VDD(1)
I/O15
I/OP3
VDD(1)
I/OP4
I/OP1
VDD(1)
I/OP2
VSS/ZZ(3)
,
e
d
a
r
Ge
r
u
t
a
r
e
p
m
e
T
)
1
(
V S
S
V D
D
V Q
D
D
l
a
i
c
r
e
m
m
o
CC
°
0
7
+
o
t
C
°
0V
0%
5
±
V
3
.
3%
5
±
V
5
.
2
l
a
ir
t
s
u
d
n
IC
°
5
8
+
o
t
C
°
0
4
-V
0%
5
±
V
3
.
3%
5
±
V
5
.
2
5
0
l
b
t
5
7
8
4
NOTE:
1. TA is the "instant on" case temperature.


Similar Part No. - 71V2556SA150BGGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2556SA100BG RENESAS-71V2556SA100BG Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556SA100BG8 RENESAS-71V2556SA100BG8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556SA100BGG RENESAS-71V2556SA100BGG Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556SA100BGG8 RENESAS-71V2556SA100BGG8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
71V2556SA100BGGI RENESAS-71V2556SA100BGGI Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results

Similar Description - 71V2556SA150BGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com