Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V416S10YGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71V416S10YGI
Description  3.3V CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V416S10YGI Datasheet(HTML) 5 Page - Integrated Device Technology

  71V416S10YGI Datasheet HTML 1Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 2Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 3Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 4Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 5Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 6Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 7Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 8Page - Integrated Device Technology 71V416S10YGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.42
IDT71V416S, IDT71V416L, 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
5
71V416S/L10
71V416S/L12
71V416S/L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
ns
tAA
Address Access Time
____
10
____
12
____
15
ns
tACS
Chip Select Access Time
____
10
____
12
____
15
ns
tCLZ(1)
Chip Select Low to Output in Low-Z
4
____
4
____
4
____
ns
tCHZ(1)
Chip Select High to Output in High-Z
____
5
____
6
____
7ns
tOE
Output Enable Low to Output Valid
____
5
____
6
____
7ns
tOLZ(1)
Output Enable Low to Output in Low-Z
0
____
0
____
0
____
ns
tOHZ(1)
Output Enable High to Output in High-Z
____
5
____
6
____
7ns
tOH
Output Hold from Address Change
4
____
4
____
4
____
ns
tBE
Byte Enable Low to Output Valid
____
5
____
6
____
7ns
tBLZ(1)
Byte Enable Low to Output in Low-Z
0
____
0
____
0
____
ns
tBHZ(1)
Byte Enable High to Output in High-Z
____
5
____
6
____
7ns
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
ns
tAW
Address Valid to End of Write
8
____
8
____
10
____
ns
tCW
Chip Select Low to End of Write
8
____
8
____
10
____
ns
tBW
Byte Enable Low to End of Write
8
____
8
____
10
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWR
Address Hold from End of Write
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
8
____
10
____
ns
tDW
Data Valid to End of Write
5
____
6
____
7
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
ns
tOW(1)
Write Enable High to Output in Low-Z
3
____
3
____
3
____
ns
tWHZ(1)
Write Enable Low to Output in High-Z
____
6
____
7
____
7ns
3624 tbl 10
Timing Waveform of Read Cycle No. 1(1,2,3)
AC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
NOTE:
1. This parameter is guaranteed with the AC Load (Figure 2) by device characterization, but is not production tested.
DATAOUT
ADDRESS
3624 drw 06
tRC
tAA
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID
tOH
NOTES:
1. WE is HIGH for Read Cycle.
2. Device is continuously selected, CS is LOW.
3. OE, BHE, and BLE are LOW.


Similar Part No. - 71V416S10YGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V416S10YGI8 IDT-71V416S10YGI8 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
More results

Similar Description - 71V416S10YGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA_13 Datasheet
116Kb / 9P
   3.3V CMOS Static RAM
IDT71V424S IDT-IDT71V424S Datasheet
72Kb / 9P
   3.3V CMOS Static RAM
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Hitachi Semiconductor
MEJ02C2016_M5M5J167KT HITACHI-MEJ02C2016_M5M5J167KT Datasheet
154Kb / 11P
   CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com