Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V2556S150PFG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 71V2556S150PFG8
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V2556S150PFG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  71V2556S150PFG8 Datasheet HTML 1Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 2Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 3Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 4Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 5Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 6Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 7Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 8Page - Integrated Device Technology 71V2556S150PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
6.42
2
IDT71V2556, 128K x 36, 3.3V Synchronous ZBT™ SRAMs
with 2.5V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Pin Definitions(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.
l
o
b
m
y
Sn
o
i
t
c
n
u
F
n
i
PO
/
Ie
v
i
t
c
An
o
i
t
p
i
r
c
s
e
D
A0 A
- 6
1
s
t
u
p
n
I
s
s
e
r
d
d
AI
A
/
N
f
o
e
g
d
e
g
n
i
s
ir
e
h
t
f
o
n
o
it
a
n
i
b
m
o
c
a
y
b
d
e
r
e
g
g
ir
t
s
i
r
e
t
s
i
g
e
r
s
s
e
r
d
d
a
e
h
T
.
s
t
u
p
n
i
s
s
e
r
d
d
A
s
u
o
n
o
r
h
c
n
y
S
/
V
D
A
,
K
L
C
D
L
,
w
o
l
N
E
C
.
s
e
l
b
a
n
e
p
i
h
c
e
u
rt
d
n
a
,
w
o
l
/
V
D
A
D
L
d
a
o
L
/
e
c
n
a
v
d
AI
A
/
N/
V
D
A
D
L
l
o
rt
n
o
c
d
n
a
s
s
e
r
d
d
a
w
e
n
h
ti
w
s
r
e
t
s
i
g
e
r
l
a
n
r
e
t
n
i
e
h
t
d
a
o
l
o
t
d
e
s
u
s
i
t
a
h
t
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
/
V
D
A
n
e
h
W
.
d
e
t
c
e
l
e
s
p
i
h
c
e
h
t
h
ti
w
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
ir
e
h
t
t
a
w
o
l
d
e
l
p
m
a
s
s
i
ti
n
e
h
w
D
L
h
ti
w
w
o
l
s
i
/
V
D
A
n
e
h
W
.
d
e
t
a
n
i
m
r
e
t
s
i
s
s
e
r
g
o
r
p
n
i
t
s
r
u
b
y
n
a
,
d
e
t
c
e
l
e
s
e
d
p
i
h
c
e
h
t
D
L
e
h
t
n
e
h
t
h
g
i
h
d
e
l
p
m
a
s
s
i
e
r
a
s
e
s
s
e
r
d
d
a
l
a
n
r
e
t
x
e
e
h
T
.
s
s
e
r
g
o
r
p
n
i
s
a
w
t
a
h
t
t
s
r
u
b
y
n
a
r
o
f
d
e
c
n
a
v
d
a
s
i
r
e
t
n
u
o
c
t
s
r
u
b
l
a
n
r
e
t
n
i
/
V
D
A
n
e
h
w
d
e
r
o
n
g
i
D
L
.
h
g
i
h
d
e
l
p
m
a
s
s
i
/
R
W
e
ti
r
W
/
d
a
e
RI
A
/
N/
R
W
r
o
d
a
e
R
a
s
i
d
e
t
a
it
i
n
i
e
l
c
y
c
d
a
o
l
t
n
e
r
r
u
c
e
h
t
r
e
h
t
e
h
w
s
e
if
it
n
e
d
i
t
a
h
t
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
l
a
n
g
i
s
k
c
o
l
c
o
w
t
e
c
a
l
p
s
e
k
a
t
e
l
c
y
c
t
n
e
r
r
u
c
e
h
t
r
o
f
y
ti
v
it
c
a
s
u
b
a
t
a
d
e
h
T
.
y
a
r
r
a
y
r
o
m
e
m
e
h
t
o
t
s
s
e
c
c
a
e
ti
r
W
.r
e
t
a
l
s
e
l
c
y
c
N
E
C
e
l
b
a
n
E
k
c
o
l
CI
W
O
Ln
e
h
W
.t
u
p
n
I
e
l
b
a
n
E
k
c
o
l
C
s
u
o
n
o
r
h
c
n
y
S
N
E
C
g
n
i
d
u
l
c
n
i
,
s
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
r
e
h
t
o
ll
a
,
h
g
i
h
d
e
l
p
m
a
s
s
i
f
o
t
c
e
ff
e
e
h
T
.
d
e
g
n
a
h
c
n
u
n
i
a
m
e
r
s
t
u
p
t
u
o
d
n
a
d
e
r
o
n
g
i
e
r
a
k
c
o
l
c
N
E
C
e
c
i
v
e
d
e
h
t
n
o
h
g
i
h
d
e
l
p
m
a
s
,
n
o
it
a
r
e
p
o
l
a
m
r
o
n
r
o
F
.r
u
c
c
o
t
o
n
d
i
d
n
o
it
i
s
n
a
rt
k
c
o
l
c
h
g
i
h
o
t
w
o
l
e
h
t
fi
s
a
s
i
s
t
u
p
t
u
o
N
E
C
e
b
t
s
u
m
.
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
ir
t
a
w
o
l
d
e
l
p
m
a
s
W
B 1- W
B 4
e
t
y
B
l
a
u
d
i
v
i
d
n
I
s
e
l
b
a
n
E
e
ti
r
W
IW
O
L
d
a
o
l
n
O
.
e
l
b
a
n
e
e
ti
r
w
e
t
y
b
w
o
l
e
v
it
c
a
n
w
o
s
ti
s
a
h
e
t
y
b
ti
b
-
9
h
c
a
E
.
s
e
l
b
a
n
e
e
ti
r
w
e
t
y
b
s
u
o
n
o
r
h
c
n
y
S
/
R
n
e
h
W
(
s
e
l
c
y
c
e
ti
r
w
W
/
V
D
A
d
n
a
D
L
(
l
a
n
g
i
s
e
ti
r
w
e
t
y
b
e
t
a
ir
p
o
r
p
p
a
e
h
t
)
w
o
l
d
e
l
p
m
a
s
e
r
a
W
B 1- W
B 4)
e
ti
r
W
e
t
y
B
.
e
ti
r
w
t
s
r
u
b
a
f
o
e
l
c
y
c
h
c
a
e
n
o
d
il
a
v
e
b
o
s
l
a
t
s
u
m
l
a
n
g
i
s
e
ti
r
w
e
t
y
b
e
h
T
.
d
il
a
v
e
b
t
s
u
m
/
R
n
e
h
w
d
e
r
o
n
g
i
e
r
a
s
l
a
n
g
i
s
W
e
h
t
o
t
n
i
n
e
tt
ir
w
e
r
a
a
t
a
d
f
o
)
s
(
e
t
y
b
e
t
a
ir
p
o
r
p
p
a
e
h
T
.
h
g
i
h
d
e
l
p
m
a
s
s
i
.r
e
t
a
l
s
e
l
c
y
c
o
w
t
e
c
i
v
e
d
W
B 1- W
B 4
.
d
r
o
w
ti
b
-
6
3
e
ri
t
n
e
e
h
t
o
t
e
ti
r
w
g
n
i
o
d
s
y
a
w
l
a
fi
w
o
l
d
e
it
e
b
ll
a
n
a
c
E
C 1, E
C 2
s
e
l
b
a
n
E
p
i
h
CI
W
O
L.
e
l
b
a
n
e
p
i
h
c
w
o
l
e
v
it
c
a
s
u
o
n
o
r
h
c
n
y
S
E
C 1
d
n
a
E
C 2
h
ti
w
d
e
s
u
e
r
aE
C 2
.
6
5
5
2
V
1
7
T
D
I
e
h
t
e
l
b
a
n
e
o
t
(
E
C 1 r
o
E
C 2
E
C
r
o
h
g
i
h
d
e
l
p
m
a
s
2
/
V
D
A
d
n
a
)
w
o
l
d
e
l
p
m
a
s
D
L
a
s
e
t
a
it
i
n
i
,
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
ir
e
h
t
t
a
w
o
l
T
B
Z
e
h
T
.
e
l
c
y
c
t
c
e
l
e
s
e
d
M
T
s
e
l
c
y
c
k
c
o
l
c
o
w
t
e
t
a
t
s
-i
rt
ll
i
w
s
u
b
a
t
a
d
e
h
t
,
.
e
.i
,t
c
e
l
e
s
e
d
e
l
c
y
c
o
w
t
a
s
a
h
.
d
e
t
a
it
i
n
i
s
i
t
c
e
l
e
s
e
d
r
e
tf
a
E
C 2
e
l
b
a
n
E
p
i
h
CI
H
G
I
HE
C
.
e
l
b
a
n
e
p
i
h
c
h
g
i
h
e
v
it
c
a
s
u
o
n
o
r
h
c
n
y
S
2
h
ti
w
d
e
s
u
s
i
E
C 1
d
n
a
E
C 2
E
C
.
p
i
h
c
e
h
t
e
l
b
a
n
e
o
t
2
s
a
h
o
t
l
a
c
it
n
e
d
i
e
s
i
w
r
e
h
t
o
t
u
b
y
ti
r
a
l
o
p
d
e
t
r
e
v
n
i
E
C 1
d
n
a
E
C 2.
K
L
Ck
c
o
l
CI
A
/
Nr
o
f
t
p
e
c
x
E
.
6
5
5
2
V
1
7
T
D
I
e
h
t
o
t
t
u
p
n
i
k
c
o
l
c
e
h
t
s
i
s
i
h
T
E
O
e
d
a
m
e
r
a
e
c
i
v
e
d
e
h
t
r
o
f
s
e
c
n
e
r
e
f
e
r
g
n
i
m
it
ll
a
,
.
K
L
C
f
o
e
g
d
e
g
n
i
s
ir
e
h
t
o
t
t
c
e
p
s
e
r
h
ti
w
O
/I 0 O
/I
-
1
3
O
/I
1
P
O
/I
-
4
P
t
u
p
t
u
O
/t
u
p
n
I
a
t
a
DO
/IA
/
N
d
e
r
e
t
s
i
g
e
r
e
r
a
h
t
a
p
t
u
p
t
u
o
a
t
a
d
d
n
a
h
t
a
p
t
u
p
n
i
a
t
a
d
e
h
t
h
t
o
B
.
s
n
i
p
)
O
/I
(
t
u
p
t
u
o
/t
u
p
n
i
a
t
a
d
s
u
o
n
o
r
h
c
n
y
S
.
K
L
C
f
o
e
g
d
e
g
n
i
s
ir
e
h
t
y
b
d
e
r
e
g
g
ir
t
d
n
a
O
B
L
r
e
d
r
O
t
s
r
u
B
r
a
e
n
i
LI
W
O
Ln
e
h
W
.t
u
p
n
i
n
o
it
c
e
l
e
s
r
e
d
r
o
t
s
r
u
B
O
B
L
n
e
h
W
.
d
e
t
c
e
l
e
s
s
i
e
c
n
e
u
q
e
s
t
s
r
u
b
d
e
v
a
e
lr
e
t
n
I
e
h
t
h
g
i
h
s
i
O
B
L
.
d
e
t
c
e
l
e
s
s
i
e
c
n
e
u
q
e
s
t
s
r
u
b
r
a
e
n
i
L
e
h
t
w
o
l
s
i
O
B
L
g
n
ir
u
d
e
g
n
a
h
c
t
o
n
t
s
u
m
ti
d
n
a
t
u
p
n
i
c
it
a
t
s
a
s
i
.
n
o
it
a
r
e
p
o
e
c
i
v
e
d
E
O
e
l
b
a
n
E
t
u
p
t
u
OI
W
O
L.
e
l
b
a
n
e
t
u
p
t
u
o
s
u
o
n
o
r
h
c
n
y
s
A
E
O
n
e
h
W
.
6
5
5
2
V
1
7
e
h
t
m
o
rf
a
t
a
d
d
a
e
r
o
t
w
o
l
e
b
t
s
u
m
E
O
O
/I
e
h
t
h
g
i
h
s
i
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i-
h
g
i
h
a
n
i
e
r
a
s
n
i
p
E
O
e
ti
r
w
d
n
a
d
a
e
r
r
o
f
d
e
ll
o
rt
n
o
c
y
l
e
v
it
c
a
e
b
o
t
d
e
e
n
t
o
n
s
e
o
d
,
n
o
it
a
r
e
p
o
l
a
m
r
o
n
n
I
.
s
e
l
c
y
c
E
O
.
w
o
l
d
e
it
e
b
n
a
c
S
M
Tt
c
e
l
e
S
e
d
o
M
t
s
e
TI
A
/
N
l
a
n
r
e
t
n
i
n
a
s
a
h
n
i
p
s
i
h
T
.
K
D
T
f
o
e
g
d
e
g
n
i
s
ir
n
o
d
e
l
p
m
a
S
.r
e
ll
o
rt
n
o
c
P
A
T
r
o
f
d
n
a
m
m
o
c
t
u
p
n
i
s
e
v
i
G
.
p
u
ll
u
p
I
D
Tt
u
p
n
I
a
t
a
D
t
s
e
TI
A
/
N
s
a
h
n
i
p
s
i
h
T
.
K
C
T
f
o
e
g
d
e
g
n
i
s
ir
n
o
d
e
l
p
m
a
S
.
O
D
T
d
n
a
I
D
T
n
e
e
w
t
e
b
d
e
c
a
l
p
s
r
e
t
s
i
g
e
r
f
o
t
u
p
n
i
l
a
ir
e
S
.
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
K
C
Tk
c
o
l
C
t
s
e
TI
A
/
N
f
o
e
g
d
e
g
n
i
s
ir
n
o
d
e
r
u
t
p
a
c
e
r
a
s
t
u
p
n
i
t
s
e
T
.
d
e
k
c
o
l
c
s
i
t
n
e
v
e
P
A
T
h
c
a
E
.r
e
ll
o
rt
n
o
c
P
A
T
f
o
t
u
p
n
i
k
c
o
l
C
.
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
h
n
i
p
s
i
h
T
.
K
C
T
f
o
e
g
d
e
g
n
il
l
a
f
e
h
t
m
o
rf
n
e
v
ir
d
e
r
a
s
t
u
p
t
u
o
t
s
e
t
e
li
h
w
,
K
C
T
O
D
Tt
u
p
t
u
O
a
t
a
D
t
s
e
TO
A
/
N
f
o
e
t
a
t
s
e
h
t
n
o
g
n
i
d
n
e
p
e
d
e
v
it
c
a
s
i
t
u
p
t
u
o
s
i
h
T
.
O
D
T
d
n
a
I
D
T
n
e
e
w
t
e
b
d
e
c
a
l
p
s
r
e
t
s
i
g
e
r
f
o
t
u
p
t
u
o
l
a
ir
e
S
.r
e
ll
o
rt
n
o
c
P
A
T
e
h
t
T
S
R
T
t
e
s
e
R
G
A
T
J
)l
a
n
o
it
p
O
(
IW
O
L
G
A
T
J
.
d
e
ri
u
q
e
r
t
o
n
t
u
b
,r
e
ll
o
rt
n
o
c
P
A
T
e
h
t
t
e
s
e
r
o
t
d
e
s
u
e
b
n
a
C
.t
e
s
e
r
G
A
T
J
s
u
o
n
o
r
h
c
n
y
s
A
l
a
n
o
it
p
O
t
o
n
fI
.
1
.
9
4
1
1
E
E
E
I
r
e
p
K
C
T
d
n
a
S
M
T
g
n
i
s
u
s
t
e
s
e
r
o
s
l
a
d
n
a
p
u
r
e
w
o
p
t
a
y
ll
a
c
it
a
m
o
t
u
a
s
r
u
c
c
o
t
e
s
e
r
d
e
s
u
T
S
R
T
.
p
u
ll
u
p
l
a
n
r
e
t
n
i
n
a
s
a
h
n
i
p
s
i
h
T
.
g
n
it
a
o
lf
tf
e
l
e
b
n
a
c
Z
Ze
d
o
M
p
e
e
l
SI
H
G
I
H
6
5
5
2
V
1
7
T
D
I
e
h
t
n
w
o
d
r
e
w
o
p
d
n
a
y
ll
a
n
r
e
t
n
i
K
L
C
e
h
t
e
t
a
g
ll
i
w
H
G
I
H
Z
Z
.t
u
p
n
i
e
d
o
m
p
e
e
l
s
s
u
o
n
o
r
h
c
n
y
S
n
a
s
a
h
n
i
p
s
i
h
T
.
e
d
o
M
p
e
e
l
S
n
i
d
e
e
t
n
a
r
a
u
g
s
i
n
o
it
n
e
t
e
r
a
t
a
D
.l
e
v
e
l
n
o
it
p
m
u
s
n
o
c
r
e
w
o
p
t
s
e
w
o
l
s
ti
o
t
n
w
o
d
ll
u
p
l
a
n
r
e
t
n
i
V D
D
y
l
p
p
u
S
r
e
w
o
PA
/
NA
/
N.
y
l
p
p
u
s
r
e
w
o
p
e
r
o
c
V
3
.
3
V Q
D
D
y
l
p
p
u
S
r
e
w
o
PA
/
NA
/
N.
y
l
p
p
u
S
O
/I
V
5
.
2
V S
S
d
n
u
o
r
GA
/
NA
/
N.
d
n
u
o
r
G
2
0
l
b
t
5
7
8
4


Similar Part No. - 71V2556S150PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V2556S150PFG8 RENESAS-71V2556S150PFG8 Datasheet
298Kb / 25P
   128K x 36 3.3V Synchronous ZBT™ SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
Aug.20.20
More results

Similar Description - 71V2556S150PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com