Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709269L15PFGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 709269L15PFGI8
Description  HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709269L15PFGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 709269L15PFGI8 Datasheet HTML 3Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 4Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 10Page - Integrated Device Technology 709269L15PFGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6.42
IDT709279/69S/L
Preliminary
High-Speed 32/16K x 16 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device characteriza-
tion, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply when
FT
/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE) and FT/PIPE. FT/PIPE should be treated as a DC
signal, i.e. steady state during operation.
4. 'X' in part number indicates power rating (S or L).
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3,4) (VCC = 5V ± 10%, TA = 0°C to +70°C)
709279/69X9
Com'l Only
709279/69X12
Com'l
& Ind
709279/69X15
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)(2)
25
____
30
____
35
____
ns
tCYC2
Clock Cycle Time (Pipelined)(2)
15
____
20
____
25
____
ns
tCH1
Clock High Time (Flow-Through)(2)
12
____
12
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)(2)
12
____
12
____
12
____
ns
tCH2
Clock High Time (Pipelined)(2)
6
____
8
____
10
____
ns
tCL2
Clock Low Time (Pipelined)(2)
6
____
8
____
10
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
4
____
4
____
4
____
ns
tHA
Address Hold Time
1
____
1
____
1
____
ns
tSC
Chip Enable Setup Time
4
____
4
____
4
____
ns
tHC
Chip Enable Hold Time
1
____
1
____
1
____
ns
tSB
Byte Enable Setup Time
4
____
4
____
4
____
ns
tHB
Byte Enable Hold Time
1
____
1
____
1
____
ns
tSW
R/W Setup Time
4
____
4
____
4
____
ns
tHW
R/W Hold Time
1
____
1
____
1
____
ns
tSD
Input Data Setup Time
4
____
4
____
4
____
ns
tHD
Input Data Hold Time
1
____
1
____
1
____
ns
tSAD
ADS
Setup Time
4
____
4
____
4
____
ns
tHAD
ADS
Hold Time
1
____
1
____
1
____
ns
tSCN
CNTEN
Setup Time
4
____
4
____
4
____
ns
tHCN
CNTEN
Hold Time
1
____
1
____
1
____
ns
tSRST
CNTRST
Setup Time
4
____
4
____
4
____
ns
tHRST
CNTRST
Hold Time
1
____
1
____
1
____
ns
tOE
Output Enable to Data Valid
____
9
____
12
____
15
ns
tOLZ
Output Enable to Output Low-Z(1)
2
____
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z(1)
17
17
17
ns
tCD1
Clock to Data Valid (Flow-Through)(2)
____
20
____
25
____
30
ns
tCD2
Clock to Data Valid (Pipelined)(2)
____
9
____
12
____
15
ns
tDC
Data Output Hold After Clock High
2
____
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z(1)
292929
ns
tCKLZ
Clock High to Output Low-Z(1)
2
____
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
35
____
40
____
50
ns
tCCS
Clock-to-Clock Setup Time
____
15
____
15
____
20
ns
3243 tbl 11


Similar Part No. - 709269L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709269L15PFGI8 IDT-709269L15PFGI8 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 709269L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
70V9279 RENESAS-70V9279 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
logo
Integrated Device Techn...
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com