Electronic Components Datasheet Search |
|
IDT71V3559SA75PFG Datasheet(PDF) 7 Page - Integrated Device Technology |
|
IDT71V3559SA75PFG Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 28 page 6.42 IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs Commercial and Industrial Temperature Ranges 7 Pin Configuration — 128K x 36, 119 BGA Pin Configuration - 256K x 18, 119 BGA Top View Top View NOTES: 1. R5 and J5 do not have to be directly connected to VSS as long as the input voltage is < VIL. 2. J3 does not have to be directly connected directly to VDD as long as the input voltage is ≥ VIH. 3. G4 and A4 are reserved for future 8M and 16M respectively. 4. These pins are NC for the "S" version and the JTAG signal listed for the "SA" version. 5. TRST is offered as an optional JTAG reset if requested in the application. If not needed, can be left floating and will internally be pulled to VDD. 6. Pin T7 supports ZZ (sleep mode) for the latest die revisions. 1 2345 67 A VDDQ A6 A4 A8 A16 VDDQ B NC CE 2 A3 ADV/ LD A9 CE2 NC C A7 A2 VDD A12 A15 NC D I/O16 I/OP3 VSS NC VSS I/OP2 I/O15 E I/O17 I/O18 VSS VSS I/O13 I/O14 F VDDQ I/O19 VSS OE VSS I/O12 VDDQ G I/O20 I/O21 BW3 BW2 I/O11 I/O10 H I/O22 I/O23 VSS R/ W VSS I/O9 I/O8 J VDDQ VDD VDD VDD VDDQ K I/O24 I/O26 VSS CLK VSS I/O6 I/O7 L I/O25 I/O27 BW4 NC BW1 I/O4 I/O5 M VDDQ I/O28 VSS CEN VSS I/O3 VDDQ N I/O29 I/O30 VSS A1 VSS I/O2 I/O1 P I/O31 I/OP4 VSS A0 VSS I/O 0 I/O P1 R NC A5 LBO VDD A13 T NC NC A10 A11 A14 NC NC/ZZ(5) U VDDQ NC/TMS(3) NC/TDI(3) NC/TCK(3) NC/TDO(3) NC/TRST(3,4) VDDQ 5282 drw 13a VSS(1) NC NC CE1 NC V DD(2) VSS(1) , NC 1 234567 A VDDQ A6 A4 NC A8 A16 VDDQ B NC CE2 A3 ADV/ LD A9 CE2 NC C A7 A2 VDD A13 A17 NC D I/O8 NC VSS NC VSS I/OP1 NC E NC I/O9 VSS VSS NC I/O7 F VDDQ NC VSS OE VSS I/O6 VDDQ G NC I/O10 BW2 NC I/O5 H I/O11 NC VSS R/ W VSS I/O4 NC J VDDQ VDD VDD VDD VDDQ K NC I/O12 VSS CLK VSS NC I/O3 L I/O13 NC NC BW1 I/O2 NC M VDDQ I/O14 VSS CEN VSS NC VDDQ N I/O15 NC VSS A1 VSS I/O1 NC P NC I/OP2 VSS A0 VSS NC I/O0 R NC A5 LBO VDD A12 T NC A10 A15 NC A14 A11 NC/ZZ(5) U VDDQ NC/TMS(3) NC/TDI(3) NC/TCK(3) NC/TDO(3) NC/TRST(3,4)VDDQ 5282 drw 13b NC SS(1) V VSS VSS CE1 NC VDD(2) VSS(1) , NC |
Similar Part No. - IDT71V3559SA75PFG |
|
Similar Description - IDT71V3559SA75PFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |