Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4861M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4861M
Description  1.1W Audio Power Amplifier with Shutdown Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4861M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4861M Datasheet HTML 1Page - National Semiconductor (TI) LM4861M Datasheet HTML 2Page - National Semiconductor (TI) LM4861M Datasheet HTML 3Page - National Semiconductor (TI) LM4861M Datasheet HTML 4Page - National Semiconductor (TI) LM4861M Datasheet HTML 5Page - National Semiconductor (TI) LM4861M Datasheet HTML 6Page - National Semiconductor (TI) LM4861M Datasheet HTML 7Page - National Semiconductor (TI) LM4861M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
High Gain Application Circuit
Single Ended Application Circuit
DS011986-3
FIGURE 2. Audio Ampiifier with A
VD =20
DS011986-4
*CS and CB size depend on specific application requirements and constraints. Typical vaiues of CS and CB are 0.1 µF.
**Pin 1 should be connected to VDD to disable the amplifier or to GND to enable the amplifier. This pin should not be left floating.
***These components create a “dummy” load for pin 8 for stability purposes.
FIGURE 3. Single-Ended Amplifier with A
V =−1
www.national.com
3


Similar Part No. - LM4861M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4861M TI1-LM4861M Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
LM4861M TI-LM4861M Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
LM4861M-NOPB TI1-LM4861M-NOPB Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
LM4861M/NOPB TI-LM4861M/NOPB Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
LM4861MX TI1-LM4861MX Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4861M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4871 UTC-PA4871_15 Datasheet
277Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4861MX TI1-LM4861MX Datasheet
919Kb / 20P
[Old version datasheet]   LM4861 1.1W Audio Power Amplifier with Shutdown Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com