Electronic Components Datasheet Search |
|
IRF1010ZS Datasheet(PDF) 1 Page - International Rectifier |
|
IRF1010ZS Datasheet(HTML) 1 Page - International Rectifier |
1 / 12 page 9/8/03 www.irf.com 1 AUTOMOTIVE MOSFET PD - 94652A HEXFET® Power MOSFET VDSS = 55V RDS(on) = 7.5mΩ ID = 75A Specifically designed for Automotive applications, this HEXFET® Power MOSFET utilizes the latest processing techniques to achieve extremely low on- resistance per silicon area. Additional features of this design are a 175°C junction operating tempera- ture, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications. S D G Description ● Advanced Process Technology ● Ultra Low On-Resistance ● 175°C Operating Temperature ● Fast Switching ● Repetitive Avalanche Allowed up to Tjmax Features IRF1010Z IRF1010ZS IRF1010ZL D2Pak IRF1010ZS TO-220AB IRF1010Z TO-262 IRF1010ZL Absolute Maximum Ratings Parameter Units ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited) ID @ TC = 100°C Continuous Drain Current, VGS @ 10V A ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited) IDM Pulsed Drain Current PD @TC = 25°C Power Dissipation W Linear Derating Factor W/°C VGS Gate-to-Source Voltage V EAS (Thermally limited) Single Pulse Avalanche Energyd mJ EAS (Tested ) Single Pulse Avalanche Energy Tested Value h IAR Avalanche Current à A EAR Repetitive Avalanche Energy g mJ TJ Operating Junction and TSTG Storage Temperature Range °C Soldering Temperature, for 10 seconds Mounting Torque, 6-32 or M3 screw i Thermal Resistance Parameter Typ. Max. Units RθJC Junction-to-Case ––– 1.11 °C/W RθCS Case-to-Sink, Flat Greased Surface i 0.50 ––– RθJA Junction-to-Ambient i ––– 62 RθJA Junction-to-Ambient (PCB Mount) j ––– 40 180 130 See Fig.12a, 12b, 15, 16 140 0.90 ± 20 Max. 94 66 360 75 -55 to + 175 300 (1.6mm from case ) 10 lbf yin (1.1Nym) |
Similar Part No. - IRF1010ZS |
|
Similar Description - IRF1010ZS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |