Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V3556XS166BGG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71V3556XS166BGG
Description  3.3V Synchronous ZBT SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3556XS166BGG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT71V3556XS166BGG Datasheet HTML 4Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 5Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 6Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 7Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 8Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 9Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 10Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 11Page - Integrated Device Technology IDT71V3556XS166BGG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
6.42
8
IDT71V3556, IDT71V3558, 128K x 36, 256K x 18, 3.3V Synchronous SRAMS with
ZBT
™ Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
Pin Configuration - 128K x 36, 165 fBGA
Pin Configuration - 256K x 18, 165 fBGA
1
2
3
4567
89
10
11
ANC(2)
A7
CE1
BW3
BW2
CE2
CEN
ADV/LD
NC(2)
A8
NC
BNC
A6
CE2
BW4
BW1
CLK
R/W
OE
NC(2)
A9
NC(2)
CI/OP3
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP2
DI/O17
I/O16
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O15
I/O14
EI/O19
I/O18
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O13
I/O12
FI/O21
I/O20
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O11
I/O10
GI/O23
I/O22
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O9
I/O8
HVDD(1)
VDD(1)
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
NC/ZZ(5)
JI/O25
I/O24
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O7
I/O6
KI/O27
I/O26
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O5
I/O4
LI/O29
I/O28
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
I/O2
MI/O31
I/O30
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
I/O0
NI/OP4
NC
VDDQ
VSS
NC/TRST(3,4)
NC
VDD(1)
VSS
VDDQ
NC
I/OP1
PNC
NC(2)
A5
A2
NC/TDI(3)
A1
NC/TDO(3)
A10
A13
A14
NC
R
LBO
NC(2)
A4
A3
NC/TMS(3)
A0
NC/TCK(3)
A11
A12
A15
A16
5281 tbl 25
1
23456
7
8
9
10
11
ANC(2)
A7
CE1
BW2
NC
CE2
CEN
ADV/LD
NC(2)
A8
A10
BNC
A6
CE2
NC
BW1
CLK
R/W
OE
NC(2)
A9
NC(2)
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
I/OP1
DNC
I/O8
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O7
ENC
I/O9
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O6
FNC
I/O10
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O5
GNC
I/O11
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
NC
I/O4
HVDD(1)
VDD(1)
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
NC/ZZ(5)
JI/O12
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O3
NC
KI/O13
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O2
NC
LI/O14
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O1
NC
MI/O15
NC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
I/O0
NC
NI/OP2
NC
VDDQ
VSS
NC/TRST(3,4)
NC
VDD(1)
VSS
VDDQ
NC
NC
PNC
NC(2)
A5
A2
NC/TDI(3)
A1
NC/TDO(3)
A11
A14
A15
NC
R
LBO
NC(2)
A4
A3
NC/TMS(3)
A0
NC/TCK(3)
A12
A13
A16
A17
5281 tbl 25a
NOTES:
1. H1, H2, and N7 do not have to be directly connected to VDD as long as the input voltage is
≥ VIH.
2. A9, B9, B11, A1, R2 and P2 are reserved for future 9M, 18M, 36M, 72M, 144M and 288M respectively.
3. These pins are NC for the "S" version or the JTAG signal listed for the "SA" version.
4. TRST is offered as an optional JTAG reset if required in the application. If not needed, can be left floating and will internally be pulled to VDD.
5. Pin H11 does not have to be connected directly to VSS as long as the input voltage is
≤ VIL; on the latest die revision this pin supports ZZ (sleep mode).


Similar Part No. - IDT71V3556XS166BGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
More results

Similar Description - IDT71V3556XS166BGG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2556S IDT-IDT71V2556S_11 Datasheet
293Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603_08 Datasheet
368Kb / 26P
   3.3V Synchronous ZBT SRAMs
IDT71T75602 IDT-IDT71T75602_12 Datasheet
1Mb / 23P
   Synchronous ZBT SRAMs
IDT71T75702 IDT-IDT71T75702_09 Datasheet
395Kb / 26P
   Synchronous ZBT SRAMs
IDT71V3557S IDT-IDT71V3557S_09 Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V2546S IDT-IDT71V2546S_11 Datasheet
733Kb / 21P
   3.3V Synchronous ZBT SRAM
logo
Renesas Technology Corp
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com