Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA06LT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBTA06LT1G
Description  Driver Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA06LT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBTA06LT1G Datasheet HTML 1Page - ON Semiconductor MMBTA06LT1G Datasheet HTML 2Page - ON Semiconductor MMBTA06LT1G Datasheet HTML 3Page - ON Semiconductor MMBTA06LT1G Datasheet HTML 4Page - ON Semiconductor MMBTA06LT1G Datasheet HTML 5Page - ON Semiconductor MMBTA06LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBTA05L, MMBTA06L
www.onsemi.com
3
Figure 2. Current Gain Bandwidth Product vs.
Collector Current
Figure 3. Capacitance
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
VR, REVERSE VOLTAGE (V)
VCE = 2.0 V
TA = 25°C
TA = 25°C
Cibo
Cobo
20
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
100
50
200
500
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
5.0 7.0
30
70
300
700
30
70
td @ VBE(off) = 0.5 V
300
Figure 5. DC Current Gain vs. Collector
Current
IC, COLLECTOR CURRENT (mA)
TA = 150°C
VCE = 1.0 V
1000
100
10
1
10
100
1000
0.1
1
10
100
100
10
1
TA = 25°C
TA = −55°C
0.1
1
10
100
1000
1000
100
10
Figure 6. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 7. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
0.01
0.1
1
1
0.1
0.2
0.3
0.4
0.6
0.7
0.8
1.0
1.1
IC/IB = 10
0.5
0.9
IC/IB = 10
TA = 150°C
TA = 25°C
TA = −55°C
1.2
10
100
1000
TA = 150°C
TA = 25°C
TA = −55°C
1
0.1
10
100
1000


Similar Part No. - MMBTA06LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA06LT1G ONSEMI-MMBTA06LT1G Datasheet
109Kb / 5P
   Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
MMBTA06LT1G ONSEMI-MMBTA06LT1G Datasheet
114Kb / 6P
   Driver Transistors
July, 2012 ??Rev. 8
More results

Similar Description - MMBTA06LT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1 LRC-LMBTA05LT1 Datasheet
111Kb / 3P
   Driver Transistors
logo
ON Semiconductor
MMBTA06LT3G ONSEMI-MMBTA06LT3G Datasheet
114Kb / 6P
   Driver Transistors
July, 2012 ??Rev. 8
logo
First Silicon Co., Ltd
MMBTA55 FS-MMBTA55 Datasheet
245Kb / 3P
   Driver Transistors
logo
ON Semiconductor
MMBTA55L ONSEMI-MMBTA55L Datasheet
154Kb / 5P
   Driver Transistors
October, 2016 ??Rev. 8
logo
WILLAS ELECTRONIC CORP
MMBTA5XLT1 WILLAS-MMBTA5XLT1 Datasheet
435Kb / 3P
   Driver Transistors
MMBTA0XLT1 WILLAS-MMBTA0XLT1 Datasheet
325Kb / 3P
   Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA05 KEXIN-MMBTA05 Datasheet
45Kb / 2P
   Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G_15 Datasheet
119Kb / 3P
   Driver Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com