Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64500 Datasheet(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Part # 64500
Description  Natural Convection: 1.33 based on 70 C temp rise above ambient
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

64500 Datasheet(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  64500 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 64500 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET
EXTRUSION PROFILE 64500
USA: 1.855.322.2843
Extrusion Profile 64500
EUROPE: 39.051.764002
www.aavid.com
ASIA: 86.21.6115.2000 x8122
November 2016 A02
Property
Details
Height
1.06 in (26.92 mm)
Width
5.90 in (149.86 mm)
Perimeter
52.60 in
Weight
3.3 lbs per foot (4.91 kg per meter)
Material
6063-T5 Aluminum Extrusion Alloy
64500 PRODUCT DETAILS


Similar Part No. - 64500

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
64500113722 WURTH-64500113722 Datasheet
1Mb / 3P
   3.96 MM FEMALE CRIMP TERMINAL
REV:H 06-AUG-13
64500113722 WURTH-64500113722 Datasheet
416Kb / 2P
   3.96 MM PRE-CRIMPED CONTACT
B 06-AUG-13
64500113722DEC WURTH-64500113722DEC Datasheet
289Kb / 3P
   3.96 MM FEMALE CRIMP TERMINAL
REV:E 07-AUG-17
645002114822 WURTH-645002114822 Datasheet
536Kb / 4P
   3.96 MM MALE VERTICAL LOCKING HEADER
REV:L 09-SEP-18
645002117322 WURTH-645002117322 Datasheet
545Kb / 4P
   3.96 MM MALE RIGHT ANGLED LOCKING HEADER
REV:K 09-SEP-18
More results

Similar Description - 64500

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
78350 AAVID-78350 Datasheet
459Kb / 2P
   Natural Convection: 1.6 based on 70 C temp rise above ambient
62725 AAVID-62725 Datasheet
457Kb / 2P
   Natural Convection: 0.72 based on 70 C temp rise above ambient
78010 AAVID-78010 Datasheet
459Kb / 2P
   Natural Convection: 1.89 based on 70 C temp rise above ambient
78030 AAVID-78030 Datasheet
461Kb / 2P
   Natural Convection: 1.76 based on 70 C temp rise above ambient
60520 AAVID-60520 Datasheet
435Kb / 2P
   Natural Convection: 3.11 based on 70 C temp rise above ambient.
61565 AAVID-61565 Datasheet
456Kb / 2P
   Natural Convection: 40.45 based on 70 C temp rise above ambient.
62285 AAVID-62285 Datasheet
456Kb / 2P
   Natural Convection: 1.23 based on 70 C temp rise above ambient
74765 AAVID-74765 Datasheet
456Kb / 2P
   Natural Convection: 1.38 based on 70 C temp rise above ambient
78345 AAVID-78345 Datasheet
460Kb / 2P
   Natural Convection: 2.63 based on 70 C temp rise above ambient
70165 AAVID-70165 Datasheet
455Kb / 2P
   Natural Convection: 0.61 based on 70 C temp rise above ambient
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com