Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM611001 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KM611001
Description  1M x 1Bit High-Speed CMOS SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM611001 Datasheet(HTML) 7 Page - Samsung semiconductor

  KM611001 Datasheet HTML 1Page - Samsung semiconductor KM611001 Datasheet HTML 2Page - Samsung semiconductor KM611001 Datasheet HTML 3Page - Samsung semiconductor KM611001 Datasheet HTML 4Page - Samsung semiconductor KM611001 Datasheet HTML 5Page - Samsung semiconductor KM611001 Datasheet HTML 6Page - Samsung semiconductor KM611001 Datasheet HTML 7Page - Samsung semiconductor KM611001 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
KM611001/L
CMOS SRAM
Rev 2.0
July-1996
7
NOTES (WRITE CYCLE)
All write cycle timing is referenced from the last valid address to the first transition address.
A write occurs during the overlap of a low /CS and a low /WE. A write begins at the latest transition among
/CS going low and /WE going low; A write ends at the earliest transition among /CS going high and /WE going
high. tWP is measured from the beginning of write to the end of write.
tCW is measured from the later of /CS going low to end of write.
tAS is measured from the address valid to the beginning of write.
tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS, or /WE
going high.
If /CS goes low simultaneously with /WE going low or after /WE going low, the outputs remain high impedance
state.
Dout is the read data of the new address.
1.
2.
3.
4.
5.
6.
7.
FUNCTIONAL DESCRIPTION
/CS
/WE
Mode
I/O Pin
Supply Current
H
L
L
X*
H
L
Not Select
Read
Write
High-Z
DOUT
DIN
ISB, ISB1
ICC
ICC
*Note : X means Don't Care.
tSDR
Data Retention Mode
tRDR
/CS
Vcc-0.2V
Vcc
4.5V
2.2V
VDR
/CS
GND
DATA RETENTION WAVE FORM (/CS Controlled)
DATA RETENTION CHARACTERISTICS*(TA= 0 to 70 °C)
* L-version only
Parameter
Symbol
Test Condition
Min.
Max.
Unit
Vcc for Data Retention
Data Retention Current
Data Retention Set-Up Time
Recovery Time
VDR
IDR
tSDR
tRDR
/CS
Vcc=3.0V, /CS
VIN
-0.2V or VIN
See Data Retention
Wave form(below)
5.5
0.1
-
-
V
mA
ns
ms
2.0
-
0
5
≥ Vcc-0.2V
Typ.
-
-
-
-
≥ Vcc
≤ 0.2V
≥ Vcc-0.2V


Similar Part No. - KM611001

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6161002A SAMSUNG-KM6161002A Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-12 SAMSUNG-KM6161002A-12 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-15 SAMSUNG-KM6161002A-15 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002A-20 SAMSUNG-KM6161002A-20 Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
KM6161002AI SAMSUNG-KM6161002AI Datasheet
436Kb / 9P
   64K x 16 Bit Speed Static RAM (5V Operating), Revolutionary Pin Out
More results

Similar Description - KM611001

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BH62UV8001 BSI-BH62UV8001_08 Datasheet
221Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH62UV8001 BSI-BH62UV8001 Datasheet
148Kb / 9P
   Ultra Low Power/High Speed CMOS SRAM 1M X 8 bit
BH616UV1610 BSI-BH616UV1610_06 Datasheet
152Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
BH616UV1611 BSI-BH616UV1611_08 Datasheet
227Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
A63L06361 AMICC-A63L06361_15 Datasheet
207Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM
logo
Hanbit Electronics Co.,...
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
logo
Brilliance Semiconducto...
BH616UV1611 BSI-BH616UV1611 Datasheet
149Kb / 12P
   Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com