Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1C221X5 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECHU1C221X5
Description  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C221X5 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECHU1C221X5 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1C221X5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
Land
Electrode
A
B
Refer to the page of taping specifications
Capacitance tolerance : ±2 %(G), ±5 %(J)
Taping specification for automatic mounting
Rating · Dimensions · Quantity
Recommended for land dimensions
Capacitance
(μF)
Rated voltage 16 V.DC
Rated voltage 50 V.DC
Part No.
Dimensions (mm) Size
code
Q'ty
Part No.
Dimensions (mm) Size
code
Q'ty
LW
H
L
W
H
0.00010
ECHU1C101◻X5
1.6
0.8
0.7
K1
4000
ECHU1H101◻X5
2.0
1.25
0.9
J1
3000
0.00012
ECHU1C121◻X5
1.6
0.8
0.7
K1
ECHU1H121◻X5
2.0
1.25
0.9
J1
0.00015
ECHU1C151◻X5
1.6
0.8
0.7
K1
ECHU1H151◻X5
2.0
1.25
0.9
J1
0.00018
ECHU1C181◻X5
1.6
0.8
0.7
K1
ECHU1H181◻X5
2.0
1.25
0.9
J1
0.00022
ECHU1C221◻X5
1.6
0.8
0.7
K1
ECHU1H221◻X5
2.0
1.25
0.9
J1
0.00027
ECHU1C271◻X5
1.6
0.8
0.7
K1
ECHU1H271◻X5
2.0
1.25
0.9
J1
0.00033
ECHU1C331◻X5
1.6
0.8
0.7
K1
ECHU1H331◻X5
2.0
1.25
0.9
J1
0.00039
ECHU1C391◻X5
1.6
0.8
0.7
K1
ECHU1H391◻X5
2.0
1.25
0.9
J1
0.00047
ECHU1C471◻X5
1.6
0.8
0.7
K1
ECHU1H471◻X5
2.0
1.25
0.9
J1
0.00056
ECHU1C561◻X5
1.6
0.8
0.7
K1
ECHU1H561◻X5
2.0
1.25
0.9
J1
0.00068
ECHU1C681◻X5
1.6
0.8
0.7
K1
ECHU1H681◻X5
2.0
1.25
0.9
J1
0.00082
ECHU1C821◻X5
1.6
0.8
0.7
K1
ECHU1H821◻X5
2.0
1.25
0.9
J1
0.0010
ECHU1C102◻X5
1.6
0.8
0.7
K1
ECHU1H102◻X5
2.0
1.25
0.9
J1
0.0012
ECHU1C122◻X5
1.6
0.8
0.7
K1
ECHU1H122◻X5
2.0
1.25
0.9
J1
0.0015
ECHU1C152◻X5
1.6
0.8
0.7
K1
ECHU1H152◻X5
2.0
1.25
0.9
J1
0.0018
ECHU1C182◻X5
1.6
0.8
0.7
K1
ECHU1H182◻X5
2.0
1.25
0.9
J1
0.0022
ECHU1C222◻X5
1.6
0.8
0.7
K1
ECHU1H222◻X5
2.0
1.25
0.9
J1
0.0027
ECHU1C272◻X5
1.6
0.8
0.7
K1
ECHU1H272◻X5
2.0
1.25
0.9
J1
0.0033
ECHU1C332◻X5
2.0
1.25
0.9
J1
3000
ECHU1H332◻X5
3.2
1.6
0.9
H1
0.0039
ECHU1C392◻X5
2.0
1.25
0.9
J1
ECHU1H392◻X5
3.2
1.6
0.9
H1
0.0047
ECHU1C472◻X5
2.0
1.25
0.9
J1
ECHU1H472◻X5
3.2
1.6
0.9
H1
0.0056
ECHU1C562◻X5
2.0
1.25
0.9
J1
ECHU1H562◻X5
3.2
1.6
0.9
H1
0.0068
ECHU1C682◻X5
2.0
1.25
0.9
J1
ECHU1H682◻X5
3.2
1.6
0.9
H1
0.0082
ECHU1C822◻X5
2.0
1.25
1.1
J2
ECHU1H822◻X5
3.2
1.6
1.1
H2
0.010
ECHU1C103◻X5
2.0
1.25
1.1
J2
ECHU1H103◻X5
3.2
1.6
1.1
H2
0.012
ECHU1C123◻X5
3.2
1.6
0.9
H1
ECHU1H123◻X5
3.2
2.5
1.1
G1
2000
0.015
ECHU1C153◻X5
3.2
1.6
0.9
H1
ECHU1H153◻X5
3.2
2.5
1.1
G1
0.018
ECHU1C183◻X5
3.2
1.6
0.9
H1
ECHU1H183◻X5
3.2
2.5
1.5
G2
0.022
ECHU1C223◻X5
3.2
1.6
0.9
H1
ECHU1H223◻X5
3.2
2.5
1.5
G2
0.027
ECHU1C273◻X5
3.2
1.6
1.1
H2
ECHU1H273◻X5
3.2
2.5
1.5
G2
0.033
ECHU1C333◻X5
3.2
1.6
1.1
H2
ECHU1H333◻X5
3.2
2.5
2.1
G3
0.039
ECHU1C393◻X5
3.2
1.6
1.5
H3
2000
ECHU1H393◻X5
3.2
2.5
2.1
G3
0.047
ECHU1C473◻X5
3.2
1.6
1.5
H3
ECHU1H473◻X9
4.8
3.3
1.5
E1
3000
0.056
ECHU1C563◻X5
3.2
2.5
1.5
G2
ECHU1H563◻X9
4.8
3.3
1.5
E1
0.068
ECHU1C683◻X5
3.2
2.5
1.5
G2
ECHU1H683◻X9
4.8
3.3
1.5
E1
0.082
ECHU1C823◻X5
3.2
2.5
2.1
G3
ECHU1H823◻X9
4.8
3.3
2.1
E2
0.10
ECHU1C104◻X5
3.2
2.5
2.1
G3
ECHU1H104◻X9
4.8
3.3
2.1
E2
0.12
ECHU1H124◻X9
6.0
4.1
1.9
D1
0.15
ECHU1H154◻X9
6.0
4.1
1.9
D1
0.18
ECHU1H184◻X9
6.0
4.1
2.5
D3
2000
0.22
ECHU1H224◻X9
6.0
4.1
2.8
D4
Size
code
Land dimensions
Reflow soldering
AB
C
K1
0.6
2.0
0.7
J1, J2
0.8
2.4
1.1
H1, H2, H3
1.8
3.6
1.4
G1, G2, G3
1.8
3.6
2.3
E1, E2
3.0
5.6
3.0
D1, D3, D4
4.0
7.0
3.8
✽ ◻ : Capacitance tolerance code
✽ lt is not warrantable that you can mount the capacitor without trouble under all the mounting condition when “Recommender for Land dimensions” is adopted.
Unit : mm
Feb. 2016
01


Similar Part No. - ECHU1C221X5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C221X5 PANASONIC-ECHU1C221X5 Datasheet
412Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C221X5 PANASONIC-ECHU1C221X5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C221X5 PANASONIC-ECHU1C221X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C221X5 PANASONIC-ECHU1C221X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C221X5 PANASONIC-ECHU1C221X5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C221X5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com