Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50SVF39M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 50SVF39M
Description  Conductive Polymer Aluminum Solid Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

50SVF39M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  50SVF39M Datasheet HTML 1Page - Panasonic Semiconductor 50SVF39M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Aluminum Solid Capacitors
✽1 Ripple current (100 kHz/ +105 °C < Tx < +125 °C) /Allowable ripple current (100 kHz/ Tx < +105 °C), ✽2 ESR (100 kHz to 300 kHz/+20 °C)
✽3 tan d (120 Hz/+20 °C) ✽4 After 2 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” and “Taping specifications”.
Frequency
120 Hz
< f < 1 kHz
1 kHz
< f < 10 kHz
10 kHz
< f < 100 kHz
100 kHz
< f < 500 kHz
Coefficient
0.05
0.3
0.7
1
Frequency correction factor for ripple current
Characteristics list
Series
Rated
voltage
(V.DC)
Rated
capacitance
(μF)
Case size (mm)
Size
code
Specifications
Standard (Reel size :
f380)
fD
L
Ripple
1
current
(mAr.m.s.)
Allowable
1
ripple current
(mAr.m.s.)
ESR
2
(m
Ω max.)
tan
d
✽3
LC
4
(μA)
Part number
Min.
Packaging Q'ty
(pcs)
SVF
16
82
5.0
5.9
B6
940
3000
27
0.12
262
16SVF82M
1500
180
6.3
5.9
C6
1040
3300
22
0.12
576
16SVF180M
1000
270
8.0
6.9
E7
1040
3300
22
0.12
864
16SVF270M
1000
560
8.0
11.9
E12
1560
4950
14
0.12
1792
16SVF560M
400
1000
10.0
12.6
F12
1700
5400
12
0.12
3200
16SVF1000M
400
20
56
5.0
5.9
B6
880
2800
30
0.12
224
20SVF56M
1500
120
6.3
5.9
C6
1010
3200
25
0.12
480
20SVF120M
1000
180
8.0
6.9
E7
1010
3200
25
0.12
720
20SVF180M
1000
390
8.0
11.9
E12
1560
4950
14
0.12
1560
20SVF390M
400
560
10.0
12.6
F12
1700
5400
12
0.12
2240
20SVF560M
400
25
27
5.0
5.9
B6
770
2450
40
0.12
135
25SVF27M
1500
47
6.3
5.9
C6
880
2800
30
0.12
235
25SVF47M
1000
56
6.3
5.9
880
2800
30
0.12
280
25SVF56M
1000
82
8.0
6.9
E7
940
3000
28
0.12
410
25SVF82M
1000
100
8.0
6.9
1010
3200
24
0.12
500
25SVF100M
1000
180
8.0
11.9
E12
1470
4650
16
0.12
900
25SVF180M
400
330
10.0
12.6
F12
1580
5000
14
0.12
1650
25SVF330M
400
35
22
6.3
5.9
C6
820
2600
35
0.12
154
35SVF22M
1000
39
8.0
6.9
E7
880
2800
30
0.12
273
35SVF39M
1000
82
8.0
11.9
E12
1260
4000
20
0.12
574
35SVF82M
400
120
10.0
12.6
F12
1390
4400
18
0.12
840
35SVF120M
400
50
10
6.3
5.9
C6
790
2500
40
0.12
100
50SVF10M
1000
18
8.0
6.9
E7
850
2700
35
0.12
180
50SVF18M
1000
39
8.0
11.9
E12
1200
3800
25
0.12
390
50SVF39M
400
68
10.0
12.6
F12
1350
4300
20
0.12
680
50SVF68M
400
Oct. 2016
00


Similar Part No. - 50SVF39M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
50SVPF10M PANASONIC-50SVPF10M Datasheet
54Kb / 2P
   Surface Mount Type
50SVPF18M PANASONIC-50SVPF18M Datasheet
54Kb / 2P
   Surface Mount Type
50SVPF39M PANASONIC-50SVPF39M Datasheet
54Kb / 2P
   Surface Mount Type
50SVPF68M PANASONIC-50SVPF68M Datasheet
54Kb / 2P
   Surface Mount Type
50SVPK10M PANASONIC-50SVPK10M Datasheet
53Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors
More results

Similar Description - 50SVF39M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
   Conductive Polymer Aluminum Solid Capacitors ?
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
   Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
   Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSK2R5ELL221 CHEMI-CON-APSK2R5ELL221 Datasheet
294Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG160ARA102 CHEMI-CON-APXG160ARA102 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APXG200ARA560 CHEMI-CON-APXG200ARA560 Datasheet
310Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com