Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC3702L-D08-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULC3702L-D08-T
Description  CMOS IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULC3702L-D08-T Datasheet(HTML) 3 Page - Unisonic Technologies

  ULC3702L-D08-T Datasheet HTML 1Page - Unisonic Technologies ULC3702L-D08-T Datasheet HTML 2Page - Unisonic Technologies ULC3702L-D08-T Datasheet HTML 3Page - Unisonic Technologies ULC3702L-D08-T Datasheet HTML 4Page - Unisonic Technologies ULC3702L-D08-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ULC3702
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R104-010.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range (Note 1)
VDD
-0.3 ~ 18
V
Differential Input Voltage (Note 2)
VID
±18
V
Input Voltage Range
VI
-0.3 ~ VDD
V
Output Voltage Range
VO
-0.3 ~ VDD
V
Input Current
II
±5
mA
Output Current (Each Output)
IO
±20
mA
Total Supply Current into VDD
40
mA
Total Current Out of GND
40
mA
DIP-8
1000
mW
Power Dissipation
SOP-8
PD
725
mW
Lead Temperature 1,6 mm (1/16 Inch) from
Case for 10 Seconds
TL
260
°C
Operating Free-Air Temperature Range
TA
-40~85
°C
Storage Temperature Range
TSTG
-65~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values, except differential voltages, are with respect to network ground.
3. Differential voltages are at IN+ with respect to IN-.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
3
5
16
V
Common-Mode Input Voltage
VIC
-0.2
VDD-1.5
V
High-Level Output Current
IOH
-20
mA
Low-Level Output Current
IOL
20
mA
Operating Free-Air Temperature
TA
-40
85
°C


Similar Part No. - ULC3702L-D08-T

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ULC3304P10 SOCAY-ULC3304P10 Datasheet
372Kb / 4P
   Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
ULC3304P10 LEIDITECH-ULC3304P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
UN Semiconducctor INC
ULC3304P6 UNSEMI-ULC3304P6 Datasheet
7Mb / 8P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
ULC3306MB LEIDITECH-ULC3306MB Datasheet
262Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
ULC3306P6 LEIDITECH-ULC3306P6 Datasheet
3Mb / 9P
   Low Capacitance TVS Diode Array
More results

Similar Description - ULC3702L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   CMOS IC
M7240 UTC-M7240_15 Datasheet
211Kb / 7P
   CMOS IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com