Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1H821X5 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECHU1H821X5
Description  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1H821X5 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECHU1H821X5 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1H821X5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
1
2
3
4
5
6
7
8
9
10
11
12
E
C
H
U
X
Product code
Dielectric &
construction
Rated voltage
Cap. Tol.
Suffix
Suffix
Capacitance
Code
5
9
Tape width
8 mm
✽Tape width 8 mm
and diameter
f330 mm reel is
prepared
12 mm
Reel diameter
f180 mm
f330 mm
G
J
±2 %
±5 %
1C
1H
16 V.DC
50 V.DC
Element
(Stacked)
Outer electrode
L±0.2
(±0.3)
(±0.15)
W±0.2
e±0.30
(±0.25)
(±0.20)
g
✽ ✽
✽ ✽ ✽
e±0.30
(±0.25)
(±0.20)
✽ ✽
✽ ✽ ✽
✽ To be applied only for size code J1, J2
✽✽ To be applied only for size code K1
✽✽✽ To be applied only for size code E1, E2, D1, D3, D4
Features
Small in size (Minimum size 1.6 mm
× 0.8 mm)
85 °C, 85 %RH, W.V.
× 1.0 for 500 hours
For reflow soldering
RoHS directive compliant
Time-constant
Filtering
Oscillation and resonance
Audio circuit
Stacked metallized PPS film as dielectric with simple
mold-less construction
Explanation of part number
Specifications
Construction
Dimensions
Stacked Metallized PPS Film
Chip Capacitor
Type : ECHU(X)
Category temp. range
(Including temperature-rise on unit surface)
– 55 °C to +125 °C
Rated voltage
16 V.DC, 50 V.DC
(50 V.DC : 0.12 μF or more : Derating or rated voltage by 1.25 % / °C at more than 105 °C)
Capacitance range
0.00010 μF to 0.22 μF (E12)
Capacitance tolerance
±2 %(G), ±5 %(J)
Dissipation factor (tan
d)
tan
d < 0.6 % (20 °C, 1 kHz)
Withstand voltage
Between terminals : Rated volt. (V.DC)
×150 %, 60 s
Insulation resistance (IR)
16 V.DC : IR
> 3000 MΩ (20 °C, 10 V.DC, 60 s)
50 V.DC : IR
> 3000 MΩ (20 °C, 50 V.DC, 60 s)
Soldering conditions
Reflow soldering : 260 °C max. and 95 sec max. at more than 220 °C (Temp. at capacitor surface)
✽ Please consult us for flow soldering
✽ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Size code
LW
H
e
g
K1
1.6
0.8
0.7 0.35
> 0.4
J1
2.0 1.25 0.9 0.45
> 0.6
J2
2.0 1.25 1.1 0.45
> 0.6
H1
3.2
1.6
0.9 0.65
> 1.0
H2
3.2
1.6
1.1 0.65
> 1.0
H3
3.2
1.6
1.5 0.65
> 1.0
G1
3.2
2.5
1.1 0.65
> 1.0
G2
3.2
2.5
1.5 0.65
> 1.0
G3
3.2
2.5
2.1 0.65
> 1.0
E1
4.8
3.3
1.5 0.80
> 2.0
E2
4.8
3.3
2.1 0.80
> 2.0
D1
6.0
4.1
1.9 0.80
> 2.0
D3
6.0
4.1
2.5 0.80
> 2.0
D4
6.0
4.1
2.8 0.80
> 2.0
Unit : mm
Recommended applications
Feb. 2016
01


Similar Part No. - ECHU1H821X5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
412Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1H821X5 PANASONIC-ECHU1H821X5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1H821X5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com