Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227871-3 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 227871-3
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

227871-3 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 227871-3 Datasheet HTML 3Page - TE Connectivity Ltd 227871-3 Datasheet HTML 4Page - TE Connectivity Ltd 227871-3 Datasheet HTML 5Page - TE Connectivity Ltd 227871-3 Datasheet HTML 6Page - TE Connectivity Ltd 227871-3 Datasheet HTML 7Page - TE Connectivity Ltd 227871-3 Datasheet HTML 8Page - TE Connectivity Ltd 227871-3 Datasheet HTML 9Page - TE Connectivity Ltd 227871-3 Datasheet HTML 10Page - TE Connectivity Ltd 227871-3 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
408-6788
7 of 12
Rev L
3. Squeeze the tool handles to crimp the connector
body to the cable.
Figure 9
Figure 10
6.3. For Right-Angle Connectors
Right-angle connectors require Locator 312173-1
which is not included in the kit and MUST be ordered
separately. Proceed as follows:
1. Slide the connector, flange end first, over the
cable end as shown in Figure 11.
2. Place the connector and cable inside of the tool
locator, making sure that:
— the recessed area of the connector body sits
squarely on the locator knob
— the connector collar faces forward, as shown in
Figure 11
3. Support the cable and connector assembly, and
squeeze the tool handles together to complete the
crimp.
Figure 11
7. INTERNAL REFERENCE PLANES FOR CABLE
The dimensions shown in Figure 12 are from the
cable-bottoming surface or plane in the connector to
the mating reference plane.
8. CABLE BENDING
The 90° bending fixture assembly is used to make
precise right-angle bends on the cable near SMA
plugs as shown in Figure 13. Bends can have a radius
of 3.18mm [.125 in.] (on RG-402 or RG-405 cable),
6.35mm [.250 in.] (on RG-402 cable only), or 1.57mm
[.062 in.] (on RG-405 cable only).
The spacer shown in Figure 14 must be positioned
behind the dummy jack when bending:
— RG-402 cable to either 3.18mm [.125 in.] or
6.35mm [.250 in.] radii terminated onto plugs
with center contacts
— RG-405 cable to 1.57mm [.062 in.] or 3.18mm
[.125 in.] radii when terminated onto plugs with
center contacts except Short Plugs 221447-[ ].
For short plugs, a special spacer is required and
MUST be ordered separately from Special Kit
220224-2
Loosen the dummy jack to insert the spacer, and re-
tighten the jack before proceeding.
Sides of Panel Jack
Align with Dies as
Tool Jaws Close
Panel Jack
Crimping Connectors with Fixed Collars
Crimping Connectors with
Retractable Collars
Coupling Nut
(Retractable)
Connector
Body
Coupling Nut Positioned
Above Tool Head During
Crimping
Special Die
Set 312962-1
Chamfer
Cable
Crimping Right-Angle Connectors
Right-Angle
Connector
Connector Collar
Facing Forward
Locator
Knob
Collar
Crimped
Connector


Similar Part No. - 227871-3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2278076 PHOENIX-2278076 Datasheet
57Kb / 3P
   Functional ground contact - ME BUS FE CONTACT
09/12/2020
2278144 PHOENIX-2278144 Datasheet
57Kb / 2P
   Optional with bus connector for DIN rail mounting as well as power connection system
logo
PulseCore Semiconductor
22781AF-08SR PULSECORE-22781AF-08SR Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
22781AF-08ST PULSECORE-22781AF-08ST Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
22781AF-08TR PULSECORE-22781AF-08TR Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
More results

Similar Description - 227871-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com