Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145050 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145050
Description  10-Bit A/D Converter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145050 Datasheet(HTML) 4 Page - Motorola, Inc

  MC145050 Datasheet HTML 1Page - Motorola, Inc MC145050 Datasheet HTML 2Page - Motorola, Inc MC145050 Datasheet HTML 3Page - Motorola, Inc MC145050 Datasheet HTML 4Page - Motorola, Inc MC145050 Datasheet HTML 5Page - Motorola, Inc MC145050 Datasheet HTML 6Page - Motorola, Inc MC145050 Datasheet HTML 7Page - Motorola, Inc MC145050 Datasheet HTML 8Page - Motorola, Inc MC145050 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC145050 MC145051
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS DEVICE DATA
4
AC ELECTRICAL CHARACTERISTICS
(Full Temperature and Voltage Ranges per Operation Ranges Table)
Figure
Symbol
Parameter
Guaranteed
Limit
Unit
1
f
Clock Frequency, SCLK
(10-bit xfer) Min
(11- to 16-bit xfer) Min
Note: Refer to twH, twL below
(10- to 16-bit xfer) Max)
0
Note 1
2.1
MHz
1
f
Clock Frequency, ADCLK
Minimum
Note: Refer to twH, twL below
Maximum
500
2.1
kHz
MHz
1
twH
Minimum Clock High Time
ADCLK
SCLK
190
190
ns
1
twL
Minimum Clock Low Time
ADCLK
SCLK
190
190
ns
1, 7
tPLH, tPHL
Maximum Propagation Delay, SCLK to Dout
125
ns
1, 7
th
Minimum Hold Time, SCLK to Dout
10
ns
2, 7
tPLZ, tPHZ
Maximum Propagation Delay, CS to Dout High-Z
150
ns
2, 7
tPZL, tPZH
Maximum Propagation Delay, CS to Dout Driven
MC145050
MC145051
2 ADCLK cycles + 300
2.3
ns
µs
3
tsu
Minimum Setup Time, Din to SCLK
100
ns
3
th
Minimum Hold Time, SCLK to Din
0
ns
4, 7, 8
td
Maximum Delay Time, EOC to Dout (MSB)
MC145051
100
ns
5
tsu
Minimum Setup Time, CS to SCLK
MC145050
MC145051
2 ADCLK cycles + 425
2.425
ns
µs
tCSd
Minimum Time Required Between 10th SCLK Falling
MC145050
Edge (
≤ 0.8 V) and CS to Allow a Conversion
MC145051
44
Note 2
ADCLK
cycles
tCAs
Maximum Delay Between 10th SCLK Falling Edge
MC145050
(
≤ 2 V) and CS to Abort a Conversion
MC145051
36
9
ADCLK
cycles
µs
5
th
Minimum Hold Time, Last SCLK to CS
0
ns
6, 8
tPHL
Maximum Propagation Delay, 10th SCLK to EOC
MC145051
2.35
µs
1
tr, tf
Maximum Input Rise and Fall Times
SCLK
ADCLK
Din, CS
1
250
10
ms
ns
µs
1, 4, 6 – 8
tTLH, tTHL
Maximum Output Transition Time, Any Output
300
ns
Cin
Maximum Input Capacitance
AN0 – AN10
ADCLK, SCLK, CS, Din
55
15
pF
Cout
Maximum Three-State Output Capacitance
Dout
15
pF
NOTES:
1. After the 10th SCLK falling edge (
≤ 2 V), at least 1 SCLK rising edge (≥ 2 V) must occur within 38 ADCLKs (MC145050) or 18.5 µs
(MC145051).
2. On the MC145051, a CS edge may be received immediately after an active transition on the EOC pin.


Similar Part No. - MC145050

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145050DW LANSDALE-MC145050DW Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
MC145050DW LANSDALE-MC145050DW Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
MC145050P LANSDALE-MC145050P Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
MC145050P LANSDALE-MC145050P Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
More results

Similar Description - MC145050

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950 TI-UCC5950 Datasheet
206Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
logo
Microchip Technology
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com