Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145073DW Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC145073DW
Description  Dual 16-Bit Stereo Audio Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145073DW Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC145073DW Datasheet HTML 7Page - Motorola, Inc MC145073DW Datasheet HTML 8Page - Motorola, Inc MC145073DW Datasheet HTML 9Page - Motorola, Inc MC145073DW Datasheet HTML 10Page - Motorola, Inc MC145073DW Datasheet HTML 11Page - Motorola, Inc MC145073DW Datasheet HTML 12Page - Motorola, Inc MC145073DW Datasheet HTML 13Page - Motorola, Inc MC145073DW Datasheet HTML 14Page - Motorola, Inc MC145073DW Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MOTOROLA
MC145073
11
SUMMARY OF DEVICE OPERATING MODES
The seven pins summarized in the tables below configure
the MC145073 to operate in one of the modes specified. The
modes can be chosen in any combination.
CSEL1
CSEL0
Master CLK Divider Select
0
0
Power–Down
0
1
Divide CLK by 1
1
0
Divide CLK by 2
1
1
Divide CLK by 3
FSEL
FIR Filter Transition Band Select
0
20 kHz – 25.8 kHz Transistion Band
6.144 MHz Input Rate, 48 kHz Output Data Rate.
1
20 kHz – 25 kHz Transistion Band
5.6448 MHz Input Rate,
44.1 kHz Output Data Rate
ISYNC
Serial Interface SYNC Signal Format
0
SYNC rising edge is one SCLK cycle before the
start of the serial output data transfer. (This is
compatible with the DSP5600/56001 and TMS320
interface definitions.)
1
SYNC rising edge is coincident with the start of the
serial output data transfer. (This is compatible with
the CS5326 interface definition.)
ISLAV
Serial Interface Master or Slave Select
0
MC145073 is a master, SYNC and SCLK are
outputs.
1
MC145073 is a slave, SYNC and SCLK are inputs
(re–clocked by the MC145073 internal clock, CLKI).
IJUST
Serial Interface Data Justification Select
0
Serial output data is left justified relative to the
SYNC signal.
1
Serial output data is right justified relative to the
SYNC signal.
IDOE
Serial Interface Data Output Enable
0
SDO goes to a high–impedance state between
16–bit output words.
1
SDO is forced low between 16–bit output words.
SERIAL INTERFACE DESCRIPTION
As summarized in the previous section, the format of the
serial interface is controlled by four mode pins: ISYNC, ISLAV,
IJUST, and IDOE. These control inputs can be configured in
any combination, yielding 24 = 16 unique modes. The follow-
ing two subsections describe the format of the serial inter-
face for these various modes. Timing information for the
serial interface is provided in the AC Electrical Specifica-
tions section .
Compatibility with the DSP56000/1 and TMS320 general–
purpose DSPs is accomplished by applying the appropriate
logic level to the ISYNC pin. The phase of the rising edge of
the SYNC signal is different for the DSP56000 and TMS320
applications, while the falling edge of SYNC is not critical in
such applications.
To interface to one or two MC145073s, the
DSP56000/56001 should be configured as follows: network
mode, four time slots per frame, 16 bits per slot, continuous
clock, and control signals configured as either a master or
slave. If interfacing to a TMS320 is desired, the serial inter-
face should be configured in continuous mode without frame
sync.
NOTE
The TMS320 interface must be initialized with
frame sync enabled, and then switched to the no
frame sync mode after initialization.
The IJUST and IDOE serial interface mode control inputs
are provided to facilitate multiplexing of two MC145073s.
The IJUST input selects between left and right justification of
the serial output data relative to the SYNC signal, while the
IDOE input provides a way to force the SDO pin to the high
impedance state between the output data words. To multi-
plex the serial data outputs of two MC145073s onto the
same SDO line, I DOE must be forced low on both
MC145073s, while the IJUST pin is forced high on one
MC145073 and low on the other. The MC145073s must be in
the slave mode (ISLAV=1) when multiplexing. It is not pos-
sible to operate with one MC145073 as a master tied to a
second MC145073 operating as a slave due to the reclock-
ing of the SYNC and SCLK inputs in the slave mode (see
Operation with the MC145073 as a Slave (ISLAV = 1) sec-
tion).
NOTE
When multiplexing two MC145073 devices, all
four analog channels are sampled at exactly the
same phase.
In Figures 10 and 11, the internal clock signal CLKI is
plotted instead of CLK. This is due to the fact that all internal
clocks, as well as the serial interface, are slaved to this
divided version of the master clock. Input signals to the serial
interface are reclocked by CLKI to reduce the amount of
noise injected into the analog section of the MC145073. Seri-
al output data and high–impedance states of the SDO pin are
clocked out relative to CLKI. This reclocking can cause a
shift in phase of SDO relative to SCLK when operating in the
slave mode. In cases where the MC145073 output is multi-
plexed with another device, the clock divide by 1 mode is
recommended.
NOTE
If the clock divide by 2 or 3 mode is selected, it
is impossible to know the exact phase of CLKI.
On initial power–up or recovery from a power–down condi-
tion, the first 68 serial output words of the MC145073 are
indeterminate. This is because the digital filters and internal
logic of the MC145073 must settle. This time is also used to
charge the external REF filter capacitor.


Similar Part No. - MC145073DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145074 MOTOROLA-MC145074 Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145074D MOTOROLA-MC145074D Datasheet
183Kb / 14P
   Stero Audio Sigma-Delta Digital-to-Analog Converter
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
MC145076D MOTOROLA-MC145076D Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
More results

Similar Description - MC145073DW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
Analog Devices
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com