Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFTC-5400 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LFTC-5400
Description  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFTC-5400 Datasheet(HTML) 1 Page - Mini-Circuits

  LFTC-5400 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 125°C
• miniature size, 0.15"X0.15"X.028"
• low profile, .028" height
• high power handling, 19W
Applications
• harmonic rejection
• internal rejection
• receivers & transmitters
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
100.00
0.07
1.02
1000.00
0.21
1.02
5400.00
0.88
1.18
6410.00
2.69
2.76
7000.00
8.27
8.99
8200.00
24.11
21.73
11000.00
30.45
20.45
12000.00
29.61
22.87
13000.00
30.32
19.76
15000.00
19.81
11.03
CASE STYLE: FR933
PRICE: $3.75 ea. QTY (10-49)
LFTC-5400
INSERTION LOSS
0
5
10
15
20
25
30
35
40
0
3000
6000
9000
12000
15000
FREQUENCY (GHz)
LFTC-5400
VSWR
1
10
100
0
3000
6000
9000
12000
15000
FREQUENCY (MHz)
LFTC-5400
DC-5400
6410
9000-11000
12000
1.1
19
LF5
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
VSWR (:1)
Passband
POWER
INPUT*
(W)
STOP BAND (MHz)
Typ.
(loss < 1 dB)
Typ.
( > 20 dB) ( loss> 40 dB)
fr20dB
Typ.
* Derate linearly to 8W at 100°C ambient
RF IN
RF OUT
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
R 20dB
co
f
f
20dB
3dB
40dB
Pin Connections
RF IN
2**
RF OUT
5**
GROUND
1,3,4,6
** RF IN & RF OUT can be interchanged
Outline Drawing
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
.150
.150
.028
.035
.028
3.81
3.81
0.71
0.89
0.71
H
J
K
L
M
N
P
wt.
.060
.030
.184
.050
.075
.044 grams
1.52
0.76
4.67
1.27
1.91
1.12
0.15
Demo Board MCL P/N: TB-233
Suggested PCB Layout (PL-112)
DC to 5400 MHz
Low Pass Filter
Ceramic
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
REV. J
M88950
LFTC-5400
EDB-020540
AD/YB/CP
030918
LFTC-5400
NEW!


Similar Part No. - LFTC-5400

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFTC-1350 MINI-LFTC-1350 Datasheet
112Kb / 1P
   Low Pass Filter(DC to 1350 MHz)
LFTC-1700 MINI-LFTC-1700 Datasheet
111Kb / 1P
   Low Pass Filter
LFTC-2000 MINI-LFTC-2000 Datasheet
111Kb / 1P
   Low Pass Filter
LFTC-3300 MINI-LFTC-3300 Datasheet
111Kb / 1P
   Low Pass Filter
LFTC-4000 MINI-LFTC-4000 Datasheet
111Kb / 1P
   Low Pass Filter
More results

Similar Description - LFTC-5400

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com