Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si530 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si530
Description  Silicon Labs is pleased to announce rev 1.2 for the Si530
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si530 Datasheet(HTML) 2 Page - Silicon Laboratories

  Si530 Datasheet HTML 1Page - Silicon Laboratories Si530 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Process Change Notice #1106071
____________________________________________________________________________________________________
W7206F1 Process Change Notice Form rev AA
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 2
Appendix A:
Si530/31 datasheet revision 1.1 to v1.2 changes:
Updated 2.5 V/3.3 V and 1.8 V CML output level specifications for Table 3 on page 3.
Added footnotes clarifying max offset frequency test conditions for Table 4 on page 4.
Added CMOS phase jitter specs to Table 4 on page 4.
Removed the words "Differential Modes: LVPECL/LVDS/CML" in footnote referring to AN256 in Table 4 on page 4.
Separated 1.8 V, 2.5 V/3.3 V supply voltage specifications in Table 8 on page 5.
Updated and clarified Table 8 on page 5 to include the "Moisture Sensitivity Level" and "Contact Pads" rows.
Updated Figure 3 on page 9 and Table 12 on page 9 to reflect specific marking information. Previously, Figure 3
was generic.
Si532 datasheet revision 1.1 to v1.2 changes:
Updated 2.5 V/3.3 V and 1.8 V CML output level specifications for Table 3 on page 3.
Added footnotes clarifying max offset frequency test conditions for Table 4 on page 4.
Removed the words "Differential Modes: LVPECL/LVDS/CML" in footnote referring to AN256 in Table 4 on page 4.
Added CMOS phase jitter specs to Table 4 on page 4.
Updated Table 8 on page 5 to include the "Moisture Sensitivity Level" and "Contact Pads" rows.
Updated Figure 3 and Table 11 on page 9 to reflect specific marking information. Previously, Figure 3 was generic.
Si533 datasheet revision 1.1 to v1.2 changes:
Updated 2.5 V/3.3 V and 1.8 V CML output level specifications for Table 3 on page 3.
Added footnotes clarifying max offset frequency test conditions for Table 4 on page 4.
Removed the words "Differential Modes: LVPECL/LVDS/CML" in footnote referring to AN256 in Table 4 on page 4.
Added CMOS phase jitter specs to Table 4 on page 4.
Updated Table 8 on page 5 to include the "Moisture Sensitivity Level" and "Contact Pads" rows.
Updated Figure 3 and Table 10 on page 9 to reflect specific marking information. Previously, Figure 3 was generic.
Updated contact information on page 12.
Si533 datasheet revision 1.1 to v1.2 changes:
Updated 2.5 V/3.3 V and 1.8 V CML output level specifications for Table 3 on page 3.
Added footnotes clarifying max offset frequency test conditions for Table 4 on page 4.
Removed the words "Differential Modes: LVPECL/LVDS/CML" in footnote referring to AN256 in Table 4 on page 4.
Added CMOS phase jitter specs to Table 4 on page 4.
Updated ESD HBM sensitivity rating in Table 7 on page 5.
Updated Table 8 on page 5 to include the "Moisture Sensitivity Level" and "Contact Pads" rows.
Updated package diagram to include crystal impedance pin in Figure 2 on page 8.
Updated Figure 3 and Table 11 on page 9 to reflect specific marking information. Previously, Figure 3 was generic.
Access to online datasheets:
Si530/31 Datasheet v1.2 can be found here:
http://www.silabs.com/Support%20Documents/TechnicalDocs/si530.pdf
Si532 Datasheet v1.2 can be found here:
http://www.silabs.com/Support%20Documents/TechnicalDocs/si532.pdf
Si533 Datasheet v1.2 can be found here:
http://www.silabs.com/Support%20Documents/TechnicalDocs/si533.pdf
Si534 Datasheet v1.2 can be found here:
http://www.silabs.com/Support%20Documents/TechnicalDocs/si534.pdf


Similar Part No. - Si530

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Si530 SILABS-Si530 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.4 datasheet
SI53019-A01A SILABS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53019-A01A SKYWORKS-SI53019-A01A Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
SI53019-A01AGM SKYWORKS-SI53019-A01AGM Datasheet
1Mb / 37P
   19-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.6
More results

Similar Description - Si530

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1106091 SILABS-1106091 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si570
1305101 SILABS-1305101 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.4 datasheet
1211091 SILABS-1211091 Datasheet
115Kb / 2P
   Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
1211141 SILABS-1211141 Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
1206151 SILABS-1206151 Datasheet
45Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si5040-D-GM device
1107272 SILABS-1107272 Datasheet
93Kb / 2P
   Description of Change: Silicon Labs is pleased to announce rev 1.1 Datasheet
1201242 SILABS-1201242 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.2 of the datasheet
1305201 SILABS-1305201 Datasheet
132Kb / 2P
   Silicon Laboratories is pleased to announce the release
1201241 SILABS-1201241 Datasheet
42Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
1201243 SILABS-1201243 Datasheet
41Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com