Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1303291 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 1303291
Description  Version 1.3 of the C8051F380/1/2/3/4/5/6/7 datasheet is now available
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

1303291 Datasheet(HTML) 1 Page - Silicon Laboratories

  1303291 Datasheet HTML 1Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bulletin #1303291
____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev C
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 1
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical document
updates, new product announcements, “how-to” and design documents, product change notices (PCN) and other valuable content
available only to registered users. http://www.silabs.com/profile
Bulletin Date:
3/29/2013
Bulletin Effective Date: 4/3/2013
Title:
C8051F380/1/2/3/4/5/6/7 Datasheet Revision Notification
Originator:
Atsushi Ninomiya
Phone:
512-532-5828
Dept: Marketing
Customer Contact:
Kathy Haggar
Phone:
512-532-5261
Dept: Sales
Bulletin Details
Description:
Version 1.3 of the C8051F380/1/2/3/4/5/6/7 datasheet is now available. The revision includes the
following changes:
-
Added VBUS to Table 5.1, “Absolute Maximum Ratings,” on page 37
-
Added the “4. Typical Connection Diagrams” chapter
-
Removed Figure 8.1, Figure 8.2, Figure 8.3, and Figure 8.4. These figures were replaced with a
reference to the “4. Typical Connection Diagrams” chapter.
Reason:
C8051F380/1/2/3/4/5/6/7 datasheet revision to fix errors and omissions in previous datasheet revision.
Product Identification:
The following orderable part numbers are affected:
C8051F380-GQ
C8051F381-GQ
C8051F381-GM
C8051F382-GQ
C8051F383-GQ
C8051F383-GM
C8051F384-GQ
C8051F385-GQ
C8051F385-GM
C8051F386-GQ
C8051F387-GQ
C8051F387-GM
Note: The part numbers above include tape and reel variants which are denoted with an “R” at the end
of the orderable part number.
Customer Actions Needed:
None. Please see your Silicon Labs sales representatives if you have questions. A list of Silicon Labs
sales representatives is available at www.silabs.com


Similar Part No. - 1303291

ManufacturerPart #DatasheetDescription
logo
Heyco.
1303 HEYCO-1303 Datasheet
120Kb / 1P
   Window “View Port” Plugs
logo
HellermannTyton.
1303-1-G HELLERMANNTYTON-1303-1-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
1303-1-GP HELLERMANNTYTON-1303-1-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
logo
Everlight Electronics C...
1303-2SURD/S530-A3 EVERLIGHT-1303-2SURD/S530-A3 Datasheet
124Kb / 7P
   4.8mm Round Type LED Lamps
1303-2UYD/S530-A3 EVERLIGHT-1303-2UYD/S530-A3 Datasheet
128Kb / 7P
   4.8mm Round Type LED Lamps
More results

Similar Description - 1303291

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1302261 SILABS-1302261 Datasheet
148Kb / 3P
   Version 0.5 of the SiM3L1xx datasheet is now available
1303191 SILABS-1303191 Datasheet
216Kb / 3P
   Version 1.5 of the CP2102/9 datasheet is now available
1212121 SILABS-1212121 Datasheet
243Kb / 3P
   Version 1.2 of the Si4464-63-61-60 datasheet is now available
1212072 SILABS-1212072 Datasheet
267Kb / 3P
   Version 1.0 of the C8051F39x/7x is now available
1204051B SILABS-1204051B Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
1204101B SILABS-1204101B Datasheet
41Kb / 1P
   The Si5335 Clock Generator datasheet v1.0 is now available
logo
Future Technology Devic...
FT220X FTDI-FT220X Datasheet
947Kb / 46P
   FT220X USB 4-BIT SPI/FT1248 IC Datasheet Version 1.3
FT200XD FTDI-FT200XD Datasheet
1Mb / 42P
   FT200XD USB I2C SLAVE IC Datasheet Version 1.3
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
List of Unclassifed Man...
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com