Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN131 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # AN131
Description  The C8051F12x series is pin compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN131 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button AN131 Datasheet HTML 2Page - Silicon Laboratories AN131 Datasheet HTML 3Page - Silicon Laboratories AN131 Datasheet HTML 4Page - Silicon Laboratories AN131 Datasheet HTML 5Page - Silicon Laboratories AN131 Datasheet HTML 6Page - Silicon Laboratories AN131 Datasheet HTML 7Page - Silicon Laboratories AN131 Datasheet HTML 8Page - Silicon Laboratories AN131 Datasheet HTML 9Page - Silicon Laboratories AN131 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AN131
6
Rev. 1.3
Timer 1, Timer 2, Timer 3, or Timer 4 as its baud
rate source.
UART1 no longer requires an external crystal for
baud rate generation when used with the calibrated
24.5 MHz internal oscillator. Due to these changes,
the baud rate calculation equations have changed.
UART1 supports using Timer 1 as its baud rate
source. Hardware address decoding, synchronous
mode, and fixed baud rate mode are not supported
by UART1.
Note
that
SFRPAGE
should
be
set
to
UART0_PAGE or UART1 PAGE before accessing
any UART registers. Be aware that the timer regis-
ters may not appear on the same page as the UART
registers. SFRPAGE should also be set to the
proper UART page prior to calls to ‘printf’ or to
other input/output stream functions to direct the
operations to UART0 or UART1.
Timers
For Timer 0 and Timer 1, an additional prescaler
has been added which allows them to be clocked
from SYSCLK, SYSCLK divided by 4, SYSCLK
divided by 12, or SYSCLK divided by 48. Timer 0
and Timer 1 SFRs are located on the “TIM-
ER01_PAGE” SFR page.
Timer 2, Timer 3, and Timer 4 on the ‘F12x are
enhanced forms of the equivalent ‘F02x timers.
These new timers support output toggle mode, and
down count capability. For more information on
these timers, please refer to the C8051F12x data-
sheet. Note that SFRPAGE should be set to
TMR2_PAGE, TMR3_PAGE, or TMR4_PAGE
before any reads or writes to Timer 2, 3, or 4 regis-
ters, respectively.
Programmable Counter Array
(PCA)
In the ‘F12x, an additional capture/compare mod-
ule was added for a total of 6 capture/compare
modules. Note that SFRPAGE should be set to
PCA0_PAGE before any reads or writes to PCA0
registers.
JTAG
The JTAG device ID has changed for the ‘F12x
series. See the JTAG section of the ‘F12x datasheet
for details on the JTAG interface.


Similar Part No. - AN131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1313 STMICROELECTRONICS-AN1313 Datasheet
273Kb / 16P
   Porting an application from the ST10F168 to the ST10F269
AN1317 STMICROELECTRONICS-AN1317 Datasheet
390Kb / 23P
   NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
More results

Similar Description - AN131

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A_17 Datasheet
590Kb / 2P
   The ECX-19A SMD crystal is pin out compatible with our CSM-12
logo
List of Unclassifed Man...
OCC8001-02 ETC1-OCC8001-02 Datasheet
382Kb / 2P
   The OCC8001-02 transceiver is a pin compatible successor of the OCC8001-01 with identical functionality,
logo
NXP Semiconductors
PCD509X2 PHILIPS-PCD509X2 Datasheet
93Kb / 16P
   The PCD50912 is designed for GAP compatible DECT handsets
1998 Apr 27
logo
NEC
UPD8355 NEC-UPD8355 Datasheet
262Kb / 6P
   pin for pin compatible
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
Linear Technology
LT1011AIS8 LINER-LT1011AIS8 Datasheet
239Kb / 20P
   Pin Compatible with LM111 Series Devices
logo
List of Unclassifed Man...
HD-50-1-6 ETC-HD-50-1-6 Datasheet
150Kb / 1P
   The desing of the HD Series knob is unmistakbaly unique
logo
AiT Semiconductor Inc.
A4052 AITSEMI-A4052 Datasheet
459Kb / 11P
   BATTERY MANAGEMENT 1A IS COMPATIBLE WITH THE USB INTERFACE, LINEAR BATTERY MANAGEMENT CHIP
REV1.0
logo
List of Unclassifed Man...
CMG010020 ETC2-CMG010020 Datasheet
70Kb / 1P
   The CMG Series is a self powered
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
   The economically priced CSM Series is suitable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com