Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145190DT Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145190DT
Description  1.1GHz PLL Frequency Synthesizers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145190DT Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC145190DT Datasheet HTML 3Page - Motorola, Inc MC145190DT Datasheet HTML 4Page - Motorola, Inc MC145190DT Datasheet HTML 5Page - Motorola, Inc MC145190DT Datasheet HTML 6Page - Motorola, Inc MC145190DT Datasheet HTML 7Page - Motorola, Inc MC145190DT Datasheet HTML 8Page - Motorola, Inc MC145190DT Datasheet HTML 9Page - Motorola, Inc MC145190DT Datasheet HTML 10Page - Motorola, Inc MC145190DT Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MC145190
•MC145191
MOTOROLA
7
10%
90%
OUTPUT
tTLH
tTHL
Figure 11. Switching Waveform
50%
tw
TEST POINT
DEVICE
UNDER
TEST
CL*
Figure 12. Test Circuit
*Includes all probe and
fixture capacitance.
NORMALIZED INPUT IMPEDANCE AT fin — SERIES FORMAT (R + jX)
(100 MHz to 1.1 GHz)
3
4
2
1
Frequency
Resistance
Capacitive
Capacitance
Marker
(MHz)
(
Ω)
Reactance (
Ω)
(pF)
1
100
338
– 785
2.03
2
500
20.2
– 183
1.74
3
800
11.5
– 109
1.83
4
1100
8.2
– 70.2
2.06
fin (PIN 11)
SOG PACKAGE


Similar Part No. - MC145190DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145192 MOTOROLA-MC145192 Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC145193F MOTOROLA-MC145193F Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
MC14519B MOTOROLA-MC14519B Datasheet
204Kb / 6P
   4-Bit AND/OR Selector or Quad 2-Channel Data Selector or Quad Exclusive nor gate
More results

Similar Description - MC145190DT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com