Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2493D Datasheet(PDF) 18 Page - Silicon Laboratories

Part # SI2493D
Description  Type I and II caller ID decode
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2493D Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button SI2493D Datasheet HTML 14Page - Silicon Laboratories SI2493D Datasheet HTML 15Page - Silicon Laboratories SI2493D Datasheet HTML 16Page - Silicon Laboratories SI2493D Datasheet HTML 17Page - Silicon Laboratories SI2493D Datasheet HTML 18Page - Silicon Laboratories SI2493D Datasheet HTML 19Page - Silicon Laboratories SI2493D Datasheet HTML 20Page - Silicon Laboratories SI2493D Datasheet HTML 21Page - Silicon Laboratories SI2493D Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Si2493
18
Rev. 1.31
4. Functional Description
Figure 8. Functional Block Diagram
The Si2493 ISOmodem® is a complete embedded
modem
chipset
with
integrated
direct
access
arrangement (DAA) that provides a programmable line
interface to meet global telephone line requirements.
Available in two small packages, this solution includes a
DSP data pump, modem controller, on-chip RAM and
ROM, codec, DAA, analog output, and 27 MHz clock
input.
The Si2493 accepts standard modem AT commands and
provides connect rates up to 56/33.6/14.4/2.4 kbps full-
duplex over the Public Switched Telephone Network
(PSTN). The Si2493 features a complete set of modem
protocols including all ITU-T standard formats up to V.92.
To provide the most flexibility, the Si2493 ISOmodem
system-side device is offered in either a 24-pin TSSOP or
a 16-pin SOIC package. The 16-pin version is footprint-
compatible
with
the
Si2401
ISOmodem
and
is
recommended for most applications. The 16-pin version
does not support the parallel, EEPROM or voice codec
interface. If these features are required, customers
should use the 24-pin version.
The ISOmodem provides numerous additional features
for embedded modem applications. The modem includes
full type I and type II caller ID detection and decoding for
global standards. Call progress monitoring is supported
through standard result codes. The modem is also
programmable to meet global settings. Because the
Si2493 ISOmodem integrates the DAA, analog features,
such as parallel phone detect, overcurrent detection, and
global PTT compliance with a single design, are included.
This device is ideal for embedded modem applications
due to its small board space, low power consumption,
and global compliance. The Si2493 solution includes a
silicon DAA using Silicon Laboratories’ proprietary third-
generation DAA technology. This highly-integrated DAA
can
be
programmed
to
meet
worldwide
PTT
specifications for ac termination, dc termination, ringer
impedance, and ringer threshold. In addition, the Si2493
has been designed to meet the most stringent worldwide
requirements
for
out-of-band
energy,
billing-tone
immunity, surge immunity, and safety requirements.
The Si2493 allows for rapid integration into existing
modem applications by providing a serial interface that
can directly communicate to either a microcontroller via a
UART interface or a PC via an RS-232 port. This
interface allows for PC evaluation of the modem
immediately upon powerup via the AT commands using
standard terminal software.
4.1. Host Interface
The Si2493 interfaces to the host processor through
either an asynchronous serial interface, a synchronous
Serial Peripheral Interface (SPI), or a parallel interface.
The default is asynchronous serial communication.
Selection of either SPI or parallel interface is done on
power-up with reset strapping.
Please refer to “AN93:
ISOmodem® Chipset Family Designer's Guide” for
details.
4.1.1. Asynchronous Serial Interface
The
Si2493
supports
asynchronous
serial
communication with data terminal equipment (DTE) at
rates up to 307.2 kbps with the standard serial UART
format. Upon powerup, the UART baud rate is
automatically detected using the autobaud feature.
4.1.2. Serial Peripheral Interface (SPI)
The serial peripheral interface (SPI) provides a flexible,
full-duplex synchronous serial bus for host processor
and Si2493 ISOmodem communication. When the
Si2493 is powered up with SPI mode enabled the
modem becomes an SPI slave, and the pins are
configured to SS (slave select input, active low), MOSI
(serial data input to modem), MISO (serial data output
from modem) and SCLK (serial data clock input). Each
SPI operation consists of a control-and-address byte
and a data byte.
4.1.3. Parallel Interface (24-Pin Version Only)
The Si2493 can also communicate via a parallel
interface when using the 24-pin version. The parallel
interface is an 8-bit data bus with a single bit address to
memory mapped registers.
UART
Interface
Parallel
Interface
DAA
Interface
PLL
Clocking
XTI
XTO
CLKOUT
C1
To Phone
Line
AOUT
Data Bus
RXD
TXD
CTS
RTS
DCD
ESC
RI
CS
WR
RD
A0
D0-D7
Program Bus
EEPROM
Interface
EESD
EECLK
EECS
C2
SPI
Interface
MISO
MOSI
SCLK
INT
RESET
ROM
RAM
SS


Similar Part No. - SI2493D

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results

Similar Description - SI2493D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6005 IDT-NW6005 Datasheet
282Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
NW6006 IDT-NW6006 Datasheet
324Kb / 22P
   ENHANCED TYPE II CALLER ID DECODER WITH STUTTER DIAL TONE DETECTOR
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
N8817B KEYSIGHT-N8817B Datasheet
8Mb / 8P
   Triggering and decode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com