Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD-HD201 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CD-HD201
Description  RoHS compliant*
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD201 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD-HD201 Datasheet HTML 1Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 2Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 4Page - Bourns Electronic Solutions CD-HD201 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
RoHScompliant*
n
Lowpowerlossandhighefficiency
n
Highcurrentcapability
n
Lowprofilepackage
Applications
n
ACoperatedproducts
n
Computermonitors
n
Set-topboxes
n
Cablemodems
CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
General Information
The markets of portable communications, computing and video equipment are challenging the
semiconductor industry to develop increasingly smaller electronic components.
Bourns offers Schottky Bridge Rectifier Diodes for rectification applications in a compact chip
package 0.24 ˝ x 0.19 ˝ size format, which offers PCB real estate savings and are considerably
smaller than standard parts. The Schottky Bridge Rectifier Diodes offer a forward
current of 2 A with a choice of repetitive peak reverse voltages between 40 V and 100 V.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-HD2x(L)
Unit
Test Conditions
Min.
Typ.
Max.
Instantaneous Forward Voltage
VF
IF = 2 A
CD-HD2004
0.49
0.5
V
CD-HD2006
0.60
0.70
CD-HD201
0.75
0.85
CD-HD2006L
0.50
0.55
CD-HD201L
0.74
0.80
Repetitive Peak Reverse Current
IRRM VR = VRRM
TA = +25 °C
CD-HD2004
0.025
0.20
mA
CD-HD2006
0.025
0.20
CD-HD201
0.025
0.20
CD-HD2006L
0.03
0.2
CD-HD201L
0.001
0.10
Junction Capacitance
CJ
VR = 4 V,
f = 1.0 MHz CD-HD2x(L)x
250
pF
Thermal Resistance, Junction to Air
Rth(JA)
Junction to
Ambient
(NOTE 1)
CD-HD2004
110
°C / W
CD-HD2006
110
CD-HD201
110
CD-HD2006L
110
CD-HD201L
146
Thermal Resistance, Junction to Lead
Rth(JC)
Junction to
Lead
(NOTE 1)
CD-HD2004
15
°C / W
CD-HD2006
15
CD-HD201
15
CD-HD2006L
15
CD-HD201L
30
NOTE 1: Measured when mounted on PCB with 5.0 mm x 5.0 mm (0.2 “ x 0.2 “) copper pad areas.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-
Unit
HD2004
HD2006
HD201
HD2006L
HD201L
Maximum Repetitive
Peak Reverse Voltage
VRRM
40
60
100
60
100
V
Maximum Average Forward Rectified
Current (TA = 55 °C)
IF(AV)
2.0
A
Peak Forward Surge Current 8.3 ms
Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
50.0
60.0
A
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +125
°C
4
1
+
3
~
2
~


Similar Part No. - CD-HD201

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD-HD201 BOURNS-CD-HD201 Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD201 BOURNS-CD-HD201 Datasheet
175Kb / 6P
   CD-HD2x(L) Series Surface Mount Schottky Bridge Rectifier Diode
REV. 09/20
CD-HD201L BOURNS-CD-HD201L Datasheet
298Kb / 5P
   Surface Mount Schottky Bridge Rectifier Diode
CD-HD201L BOURNS-CD-HD201L Datasheet
175Kb / 6P
   CD-HD2x(L) Series Surface Mount Schottky Bridge Rectifier Diode
REV. 09/20
More results

Similar Description - CD-HD201

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com