Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4362 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4362
Description  Garage and gate openers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4362 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4362 Datasheet HTML 7Page - Silicon Laboratories SI4362 Datasheet HTML 8Page - Silicon Laboratories SI4362 Datasheet HTML 9Page - Silicon Laboratories SI4362 Datasheet HTML 10Page - Silicon Laboratories SI4362 Datasheet HTML 11Page - Silicon Laboratories SI4362 Datasheet HTML 12Page - Silicon Laboratories SI4362 Datasheet HTML 13Page - Silicon Laboratories SI4362 Datasheet HTML 14Page - Silicon Laboratories SI4362 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Si4362
Rev 0.4
11
1.1. Definition of Test Conditions
Production Test Conditions:
TA =+25 °C.
VDD =+3.3VDC.
External reference signal (XOUT) = 1.0 VPP at 30 MHz, centered around 0.8 VDC.
Production test schematic (unless noted otherwise).
All RX input levels are referred to the input of a tuned balun connected to the RX input pins of the Si4362.
Qualification Test Conditions:
TA = –40 to +85 °C (Typical TA = 25 °C).
VDD = +1.8 to +3.6 VDC (Typical VDD =3.3 VDC).
Using RX reference design or production test schematic.
All RF input and output levels referred to the pins of the Si4362 (not the RF module).


Similar Part No. - SI4362

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362 ETC2-SI4362 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4362-C SILABS-SI4362-C Datasheet
1Mb / 44P
   Remote control
SI4362-C2A-GM SILABS-SI4362-C2A-GM Datasheet
1Mb / 44P
   HIGH-PERFORMANCE, LOW-CURRENT RECEIVER
Rev 1.0
More results

Similar Description - SI4362

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RD-710 ETC2-RD-710 Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
logo
ELM Electronics
ELM334 ELM-ELM334_08 Datasheet
57Kb / 7P
   Garage Doorman
logo
Shoulder Electronics Li...
HDR360MS20 SHOULDER-HDR360MS20 Datasheet
119Kb / 6P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
List of Unclassifed Man...
RD-710F ETC2-RD-710F Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
logo
Shoulder Electronics Li...
HDR154MF11 SHOULDER-HDR154MF11 Datasheet
106Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
ELM Electronics
ELM334 ELM-ELM334 Datasheet
29Kb / 4P
   GARAGE DOORMAN
logo
Shoulder Electronics Li...
HDR315MS4 SHOULDER-HDR315MS4 Datasheet
153Kb / 8P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR2245MF11 SHOULDER-HDR2245MF11 Datasheet
103Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
logo
List of Unclassifed Man...
TR-SS1-E36G ETC2-TR-SS1-E36G Datasheet
782Kb / 2P
   Integrated LED Garage Module
RD-747 ETC2-RD-747 Datasheet
745Kb / 15P
   Active RFID Garage Door Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com