Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3200-N-_-12 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P3200-N-_-12
Description  Daisy chain or individual placement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P3200-N-_-12 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P3200-N-_-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers P3200-N-_-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P3200
P3200
C
ool White
-C
W
arm White
-W
S-Standard
DS-Daisychain
12”
12”
P3200-C-S-12
P3200-W-DS-12
Model
Color
Type
Length
Example
www.califialighting.com
ORDERING INFORMATION
Class 2 Power Supply (40 Watt)
In-line On/Off Switch
ACCESSORIES
Califia Lighting Part #PS-1033
Califia Lighting Part #SW-1001
SW-1001
P3200-W-DS-12
All luminaires are easily customizable. Power accessories can be ordered separately.
DIMENSIONS
PENINSULA P3200 SERIES
DAISYCHAIN CONFIGURATION
PS-1033


Similar Part No. - P3200-N-_-12

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P3202CMA UNIKC-P3202CMA Datasheet
759Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
Teccor Electronics
P3203A TECCOR-P3203A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P3203AAL LITTELFUSE-P3203AAL Datasheet
144Kb / 5P
   SIDACtor Balanced Series - Modified TO-220
P3203AAL LITTELFUSE-P3203AAL Datasheet
167Kb / 5P
   Baseband Protection (Voice-DS1)
P3203AALRP LITTELFUSE-P3203AALRP Datasheet
154Kb / 5P
   Low voltage overshoot Balanced overvoltage protection
More results

Similar Description - P3200-N-_-12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
   0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
   25X32MM Daisy-Chain PBGA
logo
STMicroelectronics
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
   SPI with daisy-chain feature
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
   SPI with daisy chain feature
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
   Daisy Chain isoSPI Battery-Stack Monitor
logo
Maxwell Technologies
8143 MAXWELL-8143 Datasheet
786Kb / 24P
   12-Bit Serial Daisy Chain D/A Converter
logo
Xilinx, Inc
DS402 XILINX-DS402 Datasheet
375Kb / 9P
   Daisy-chain connections for the DCR data bus
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
logo
Actel Corporation
YPKG-62CG-7973DC ACTEL-YPKG-62CG-7973DC Datasheet
1Mb / 8P
   CG624 32.5x32.5mm, 1.27mm pitch Daisy Chain Package Drawing
logo
Analog Devices
DAC8143 AD-DAC8143 Datasheet
181Kb / 12P
   12-Bit Serial Daisy-Chain CMOS D/A Converter
REV. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com