Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7700V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FA7700V
Description  For Switching Power Supply Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FA7700V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FA7700V Datasheet HTML 1Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 2Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 3Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 4Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 5Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 6Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 7Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 8Page - List of Unclassifed Manufacturers FA7700V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FA7700V, FA7701V
1
s Block diagram
FA7700V
FA7701V
FA7700V, FA7701V
s Dimensions, mm
TSSOP-8
±0.3
3.1
±0.1
0.22
±0.2
0.5
0.65
0.575 typ
s Description
FA7700V/FA7701V are the PWM type DC to DC converter
control ICs with 1ch output that can directly drive power
MOSFETs. CMOS devices with high breakdown voltage are
used in these ICs and low power consumption is achieved.
These ICs have not only the functions equivalent to those of
FA76XX series but also the functions of directly driving Nch/Pch
MOSFETs, lower power consumption, higher frequency
operation, and less external components.
s Features
• Wide range of supply voltage: VCC=2.5 to 20V
• FA7700V: For boost, flyback converter
(Maximum output duty cycle is 80%)
• FA7701V: For buck converter
(Maximum output duty cycle is 100%)
• Output stage consist of CMOS push-pull circuit, and achieves
a high speed switching of external MOSFETs. (FA7700V: For
Nch-MOSFET driving, FA7701V: For Pch-MOSFET driving)
• High accuracy reference voltage (Error amplifier): 0.88V
±2%
• Soft start function
• Adjustable built-in timer latch for short-circuit protection
• Output ON/OFF control function
• Less external discrete components needed (2 components
less than conventional version of the equivalent products)
• Low power consumption
Stand-by current: 40
µA typ.
Operating current: 1.2mA typ. (Including error amplifier output
current and oscillator current)
• High frequency operation: 50kHz to 1MHz
• Package: TSSOP-8, thin and small
Pin No. Pin symbol Description
1
RT
Oscillator timing resistor
2
REF
Internal bias voltage
3
IN (–)
Error amplifier inverting input
4
FB
Error amplifier output
5
GND
Ground
6
OUT
Output for driving switching device
7
VCC
Power supply
8
CS
ON/OFF, soft start, timer latched short
circuit protection
RT
REF
VREF
OSC
BIAS
UVLO
5.5V
+
OFF
4
FB
IN–
+
+
PWM
+
ON/OFF
S.C.DET
0.3V
1.5V
1.5V
+
S.C.P
2.2V
VREF
Power Good Signal
ON/OFF
1
2
3
8
7
6
5
CS
VCC
OUT
GND
+
0.88V
ER.AMP
+
2.2V
+
+
PWM
+
ER.AMP
ON/OFF
VREF
OSC
BIAS
UVLO
5.5V
+
+
ON/OFF
S.C.DET
0.3V
1.5V
1.5V
+
S.C.P
2.2V
OFF
RT
REF
4
FB
IN–
1
2
3
8
7
6
5
CS
VCC
OUT
GND
0.88V
Power Good Signal
VREF
2.2V
CMOS IC
For Switching Power Supply Control


Similar Part No. - FA7700V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
More results

Similar Description - FA7700V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
   For Switching Power Supply Control
logo
List of Unclassifed Man...
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
   For Switching Power Supply Control
logo
Fuji Electric
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
   For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
   For Switching Power Supply Control
FA3621F FUJI-FA3621F Datasheet
67Kb / 8P
   For Switching Power Supply Control
FA3675F FUJI-FA3675F Datasheet
108Kb / 8P
   For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com