Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145402 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC145402
Description  Serial 13-Bit Linear Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145402 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC145402 Datasheet HTML 6Page - Motorola, Inc MC145402 Datasheet HTML 7Page - Motorola, Inc MC145402 Datasheet HTML 8Page - Motorola, Inc MC145402 Datasheet HTML 9Page - Motorola, Inc MC145402 Datasheet HTML 10Page - Motorola, Inc MC145402 Datasheet HTML 11Page - Motorola, Inc MC145402 Datasheet HTML 12Page - Motorola, Inc MC145402 Datasheet HTML 13Page - Motorola, Inc MC145402 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC145402
MOTOROLA
10
Figure 3. MC145402 Digital Data Timing


Similar Part No. - MC145402

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145403 MOTOROLA-MC145403 Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403-6P LANSDALE-MC145403-6P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403DW MOTOROLA-MC145403DW Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
logo
LANSDALE Semiconductor ...
MC145403DW LANSDALE-MC145403DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Motorola, Inc
MC145403P MOTOROLA-MC145403P Datasheet
186Kb / 9P
   DRIVER / RECEIVERS
More results

Similar Description - MC145402

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
   3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
   Serial-Port 16-Bit SoundComm Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com