Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145159DW1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC145159DW1
Description  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145159DW1 Datasheet(HTML) 1 Page - Motorola, Inc

  MC145159DW1 Datasheet HTML 1Page - Motorola, Inc MC145159DW1 Datasheet HTML 2Page - Motorola, Inc MC145159DW1 Datasheet HTML 3Page - Motorola, Inc MC145159DW1 Datasheet HTML 4Page - Motorola, Inc MC145159DW1 Datasheet HTML 5Page - Motorola, Inc MC145159DW1 Datasheet HTML 6Page - Motorola, Inc MC145159DW1 Datasheet HTML 7Page - Motorola, Inc MC145159DW1 Datasheet HTML 8Page - Motorola, Inc MC145159DW1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC145159–1
MOTOROLA
1
Serial-Input PLL Frequency
Synthesizer with Analog Phase
Detector
Interfaces with Dual–Modulus Prescalers
The MC145159–1 has a programmable 14–bit reference counter, as well as
fully programmable divide–by–N/divide–by–A counters. The counters are
programmed serially through a common data input and latched into the
appropriate counter latch, according to the last data bit (control bit) entered.
When combined with a loop filter and VCO, this device can provide all the
remaining functions for a PLL frequency synthesizer operating up to the
device’s frequency limit. For higher VCO frequency operations, a down mixer or
a dual–modulus prescaler can be used between the VCO and the PLL.
• Operating Temperature Range: – 40 to 85°C
• Low Power Consumption Through Use of CMOS Technology
• 3.0 to 9.0 V Supply Range
• On– or Off–Chip Reference Oscillator Operation
• Compatible with the Serial Peripheral Interface (SPI) on CMOS MCUs
•÷ R Range = 3 to 16383
•÷ N Range = 16 to 1023, ÷ A Range = 0 to 127
• High–Gain Analog Phase Detector
• See Application Note AN969
PIN ASSIGNMENTS
PLASTIC DIP
AND SOG PACKAGE
FSO
CHARGE
OSCout
OSCin
RO
fin
LD
MC
VSS
VDD 5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
VSS′
APDout
CH
VDD′
RR
CLK
DATA
ENB
SRout
CR
SSOP
RO
VDD′
CH
APDout
VSS′
VDD
CHARGE
OSCout
OSCin
RR 5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
CLK
DATA
ENB
SRout
CR
FSO
VSS
MC
LD
fin
Order this document
by MC145159–1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145159-1
P SUFFIX
PLASTIC DIP
CASE 738
DW SUFFIX
SOG PACKAGE
CASE 751D
ORDERING INFORMATION
MC145159P1
Plastic DIP
MC145159DW1
SOG Package
MC145159VF1
SSOP
20
1
VF SUFFIX
SSOP
CASE TBD
20
1
© Motorola, Inc. 1995
REV 1
8/95


Similar Part No. - MC145159DW1

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145159DW1 LANSDALE-MC145159DW1 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
More results

Similar Description - MC145159DW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com