Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULV1012G-07-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULV1012G-07-AG6-R
Description  CMOS IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULV1012G-07-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULV1012G-07-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 4Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 5Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 6Page - Unisonic Technologies ULV1012G-07-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ULV1012
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R107-073.a
ABSOLUTE MAXIMUM RATING (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD-GND
VDD
5.5
V
Human Body Model
2500
V
ESD Tolerance (Note 2)
Machine Model
ESD
250
V
Junction Temperature (Note 3)
TJ
150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Mounting Temperature Infrared or Convection (20 sec.)
235
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied. For
ensured specifications and the test conditions, see the 5V Electrical Characteristics.
2. Human Body Model (HBM) is 1.5kΩ in series with 100pF.
3. The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power
dissipation at any ambient temperature is PD=(TJ(MAX)-TA)/θJA. All numbers apply for packages soldered
directly into a PC board.
OPERATING RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
2 ~ 5
V
Temperature Range
TJ
-40 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied. For ensured
specifications and the test conditions, see the 5V Electrical Characteristics.
2.2V ELECTRICAL CHARACTERISTICS (Note 1)
(Unless otherwise specified, all limits are specified for TJ=25°C, VDD=2.2V, VIN=18mV, RL=2.2kΩ and C=2.2μF.
Boldface
limits apply at the temperature extremes.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 2)
TYP
(Note 3)
MAX
(Note 2)
UNIT
139
250
μA
ULV1012-07
300
μA
180
300
μA
ULV1012-15
325
μA
160
250
μA
ULV1012-20
300
μA
141
250
μA
Supply Current
IDD
VIN=GND
ULV1012-25
300
μA
ULV1012-07
59
dB
ULV1012-15
60
dB
ULV1012-20
61
dB
Signal To Noise Ratio
SNR
f=1kHz,
VIN=18mV,
A-Weighted
ULV1012-25
61
dB
ULV1012-07
170
mVPP
ULV1012-15
100
mVPP
ULV1012-20
50
mVPP
Max Input Signal
VIN
f=1kHz and
THD+N<1%
ULV1012-25
28
mVPP


Similar Part No. - ULV1012G-07-AG6-R

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ULV100 RHOPOINT-ULV100 Datasheet
239Kb / 2P
   ULV/ULH TYPE
More results

Similar Description - ULV1012G-07-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
   CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
   CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
   CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
   CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
   CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
   CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
   CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
   CMOS IC
US3651AL-D08-T UTC-US3651AL-D08-T Datasheet
228Kb / 9P
   CMOS IC
88NXX UTC-88NXX_15 Datasheet
237Kb / 8P
   CMOS IC
M7240 UTC-M7240_15 Datasheet
211Kb / 7P
   CMOS IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com