Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW306 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FW306
Description  N- Channel Silicon MOS FET High Speed Switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW306 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FW306 Datasheet HTML 1Page - Sanyo Semicon Device FW306 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications and information herin are subject to change without notice.
990401TM2fXHD
Absolute Maximum Ratings / Ta=25
°C
Drain to Source Voltage
Gate to Source Voltage
Drain Current(DC)
Drain Current(Pulse)
Allowable power Dissipation
Total Dissipation
Channel Temperature
Storage Temperature
V
V
A
A
W
W
°C
°C
Electrical Characteristics / Ta=25
°C
(N-channel)
(P-channel)
Drain to Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate to Source Leakage Current
Cutoff Voltage
Forward Transfer Admittance
Static Drain to Source
On State Resistance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-ON Delay Time
Rise Time
Turn-OFF Delay Time
Fall Time
Diode Forward Voltage
VDSS
VGSS
ID
IDP
PD
PT
Tch
Tstg
TENTATIVE
PW
≤10µS, dutycycle≤1%
Mounted on ceramic board
(1000mm2 ! 0.8mm) 1unit
Mounted on ceramic board
(1000mm2 ! 0.8mm)
unit
P-channel
N-channel
Features
• High density mounting is possible because of the complex type which holds low-on-resistance, very-high-speed-switching and
4-volt-drive N- / P- channel / MOSFETs.
• Low ON-state resistance.
30
±25
--3
--32
1.7
2.0
150
--55 to
±150
30
±25
5
32
min
typ
max
unit
30
1.0
5
V
µA
µA
V
S
m
m
pF
pF
pF
ns
ns
ns
ns
V
V(BR)DSS
IDSS
IGSS
VGS(off)
| yfs |
RDS(on) 1
RDS(on) 2
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
VSD
ID=1mA
, VGS=0
VDS=30V
, VGS=0
VGS=
±20V , VDS=0
VDS=10V
, ID=1mA
VDS=10V
, ID=5A
ID=5A
, VGS=10V
ID=2A
, VGS=4V
VDS=10V
, f=1MHz
VDS=10V
, f=1MHz
VDS=10V
, f=1MHz
See Specified Test
Circuit
IS=5A
, VGS = 0
N- Channel Silicon MOS FET
High Speed Switching
8
50
84
460
340
85
13
300
30
50
1.0
100
±10
2.5
65
120
1.2
FW306
SANYO Electric Co., Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10,1 Chome, Ueno, taito-ku, 110 JAPAN
Drain to Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate to Source Leakage Current
Cutoff Voltage
Forward Transfer Admittance
Static Drain to Source
On State Resistance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-ON Delay Time
Rise Time
Turn-OFF Delay Time
Fall Time
Diode Forward Voltage
min
typ
max
unit
--30
--1.0
3
V
µA
µA
V
S
m
m
pF
pF
pF
ns
ns
ns
ns
V
V(BR)DSS
IDSS
IGSS
VGS(off)
| yfs |
RDS(on) 1
RDS(on) 2
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
VSD
ID=--1mA
, VGS=0
VDS=--30V
, VGS=0
VGS=
±20V , VDS=0
VDS=--10V
, ID=--1mA
VDS=--10V
, ID=--3A
ID=--3A
, VGS=--10V
ID=--2A
, VGS=--4V
VDS=--10V
, f=1MHz
VDS=--10V
, f=1MHz
VDS=--10V
, f=1MHz
See Specified Test
Circuit
IS=--3A
, VGS = 0
5
110
200
460
350
80
13
150
30
50
--1.0
--100
±10
--2.5
160
320
--1.2


Similar Part No. - FW306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW30 ETC1-FW30 Datasheet
56Kb / 1P
   30 Watt AC Adapter
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
List of Unclassifed Man...
FW3012-760-NC ETC1-FW3012-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
FW3015-760-NC ETC1-FW3015-760-NC Datasheet
56Kb / 1P
   30 Watt AC Adapter
More results

Similar Description - FW306

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com