Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4867LQ Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867LQ
Description  Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867LQ Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4867LQ Datasheet HTML 5Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 6Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 7Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 8Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 9Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 10Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 11Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 12Page - National Semiconductor (TI) LM4867LQ Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
External Components Description
( Refer to Figure 1. )
Components
Functional Description
1.
R
i
Inverting input resistance which sets the closed-loop gain in conjunction with R
f. This resistor also forms a
high pass filter with C
i at fc = 1/(2πRiCi).
2.
C
i
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a
highpass filter with R
i at fc = 1/(2πRiCi). Refer to the section, Proper Selection of External Components,
for an explanation of how to determine the value of C
i.
3.
R
f
Feedback resistance which sets the closed-loop gain in conjunction with R
i.
4.
C
s
Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply Bypassing
section for information concerning proper placement and selection of the supply bypass capacitor.
5.
C
B
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of
External Components, for information concerning proper placement and selection of C
B.
Application Information
ELIMINATING OUTPUT COUPLING CAPACITORS
Typical single-supply audio amplifiers that can switch be-
tween
driving
bridge-tied-load
(BTL)
speakers
and
single-ended (SE) headphones use a coupling capacitor on
each SE output. This capacitor blocks the half-supply volt-
age to which the output amplifiers are typically biased and
couples the audio signal to the headphones. The signal
return to circuit ground is through the headphone jack’s
sleeve.
The LM4867 eliminates these coupling capacitors. Amp2A is
internally configured to apply V
DD/2 to a stereo headphone
jack’s sleeve. This voltage matches the quiescent voltage
present on the Amp1A and Amp1B outputs that drive the
headphones. The headphones operate in a manner very
similar to a bridge-tied-load (BTL). The same DC voltage is
applied to both headphone speaker terminals. This results in
no net DC current flow through the speaker. AC current flows
through a headphone speaker as an audio signal’s output
amplitude increases on the speaker’s terminal.
When operating as a headphone amplifier, the headphone
jack sleeve is not connected to circuit ground. Using the
headphone output jack as a line-level output will place the
LM4867’s one-half supply voltage on a plug’s sleeve con-
nection.
Driving
a
portable
notebook
computer
or
audio-visual display equipment is possible. This presents no
difficulty when the external equipment uses capacitively
coupled inputs. For the very small minority of equipment that
is DC-coupled, the LM4867 monitors the current supplied by
the amplifier that drives the headphone jack’s sleeve. If this
current exceeds 500mA
PK, the amplifier is shutdown, pro-
tecting the LM4867 and the external equipment. For more
information, see the section titled ’Single-Ended Output
Power Performance and Measurement Considerations’.
OUTPUT TRANSIENT (’POPS AND CLICKS’)
ELIMINATED
The LM4867 contains advanced circuitry that eliminates out-
put transients (’pop and click’). This circuitry prevents all
traces of transients when the supply voltage is first applied,
when the part resumes operation after shutdown, or when
switching between BTL speakers and SE headphones. Two
circuits combine to eliminate pop and click. One circuit
mutes the output when switching between speaker loads.
Another circuit monitors the input signal. It maintains the
muted condition until there is sufficient input signal magni-
tude to mask any remaining transient that may occur.
Figure 2 shows the LM4867’s lack of transients in the differ-
ential signal (Trace B) across a BTL 8
Ω load. The LM4867’s
active-high SHUTDOWN pin is driven by the logic signal
shown in Trace A. Trace C is the VOUT- output signal and
trace D is the VOUT+ output signal. The shutdown signal
frequency is 1Hz with a 50% duty cycle.
Figure 3 is gener-
ated with the same conditions except that the output drives a
32
Ω single-ended (SE) load. Again, no trace of output tran-
sients is seen.
USING THE LM4867 TO UPGRADE LM4863 AND LM4873
DESIGNS
The
LM4867’s
noise-free
operation
plus
coupling-capacitorless headphone operation and functional
compatibility with the LM4873 and the LM4863 simplifies
upgrading systems using these parts. Upgrading older de-
signs that use either the LM4863 or the LM4873 is easy.
Simply remove and short the coupling capacitors located
between the LM4873’s or LM4863’s Amp1A and Amp1B
outputs and the headphone connections. Also remove the
1k
Ω resistor between each headphone connection and
ground. Finally, remove any resistors connected to the
HP-IN pin (typically two 100k
Ω resistors). Connect the HP-IN
pin directly to the headphone jack control pin as shown in
Figure 4.
DS200013-56
FIGURE 2. Differential output signal (Trace B) is devoid
of transients. The SHUTDOWN pin is driven by a
shutdown signal (Trace A). The inverting output (Trace
C) and the non-inverting output (Trace D) are applied
across an 8
Ω BTL load.
www.national.com
9


Similar Part No. - LM4867LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
844Kb / 28P
   Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
   Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
More results

Similar Description - LM4867LQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4868 NSC-LM4868 Datasheet
792Kb / 28P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
   Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
Global Mixed-mode Techn...
G1421 GMT-G1421 Datasheet
431Kb / 24P
   2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com