Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902N Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM2902N
Description  Single Supply Quad Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2902N Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM2902N Datasheet HTML 4Page - ON Semiconductor LM2902N Datasheet HTML 5Page - ON Semiconductor LM2902N Datasheet HTML 6Page - ON Semiconductor LM2902N Datasheet HTML 7Page - ON Semiconductor LM2902N Datasheet HTML 8Page - ON Semiconductor LM2902N Datasheet HTML 9Page - ON Semiconductor LM2902N Datasheet HTML 10Page - ON Semiconductor LM2902N Datasheet HTML 11Page - ON Semiconductor LM2902N Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM324, LM324A, LM224, LM2902, LM2902V, NCV2902
http://onsemi.com
11
PACKAGE DIMENSIONS
PDIP–14
N SUFFIX
CASE 646–06
ISSUE M
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
18.80
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
---
10
---
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
–T–
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87
SO–14
D SUFFIX
CASE 751A–03
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__


Similar Part No. - LM2902N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM2902N PHILIPS-LM2902N Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Tiger Electronic Co.,Lt...
LM2902N TGS-LM2902N Datasheet
243Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM2902N STMICROELECTRONICS-LM2902N Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
LM2902N TI1-LM2902N Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Fairchild Semiconductor
LM2902N FAIRCHILD-LM2902N Datasheet
139Kb / 12P
   Quad Operational Amplifier
2002 Rev. 1.0.4
More results

Similar Description - LM2902N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com