Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA1R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BA1R
Description  Multi-function or mono-function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA1R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BA1R Datasheet HTML 1Page - List of Unclassifed Manufacturers BA1R Datasheet HTML 2Page - List of Unclassifed Manufacturers BA1R Datasheet HTML 3Page - List of Unclassifed Manufacturers BA1R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi-function or mono-function
Multi-range (12 function)
Multi-voltage 12 →240 V AC/DC
LED status indicator (relay version)
Possibility of external load connection in parallel to the
control input
3-wire PNP sensor compatible
Specifications
Functions
Delay
Output
Nominal rating
Connections
Supply voltage
Code
A-At
0,1 s →10 days
1 changeover relay
16 A
Screw terminals
12 →240 V ∿/⎓
BA1R16MV1
Output relay
Contact arrangement
1 CO (SPDT) (ChangeOver -Simple Pole Double Throw-)
Maximum switching voltage
250 VAC/ 16 A resistive / 250 VDC / 0.3 A resistive
Switching current rate (resistive)
NO / NC: 16 A 250 V AC / 16 A 30 VDC @ 25°C
NO / NC: 8 A 250 V AC / 8 A 30 VDC @ 60°C
Minimum switching contact
10 mA / 5 VDC
Maximum switching power (resistive)
4000 VA / 90 W @ 25°C
Electrical life
30x103 cycles (NO) at 250 VAC/ 16 A resistive
Maximum rate (at max switching power)
360 cycles /hour
Mechanical life
30 x 106 cycles
Rated impulse voltage
5 kV (1.2/50µs)
Dielectric strength between coil / contacts
IEC 60664-1: 5 kV /1 min / 1 mA / 50 Hz
Dielectric strength between open contacts
1 kV /1 min / 1 mA / 50 Hz
Timing
Timing ranges (7 ranges)
0.5→10s, 0.05→1min, 0.5→10min, 0.05→1h,
0.5→10h, 0.05→1day, 0.5→10days
Minimum pulse duration typically (relay version)
IEC 1812-1: 30 ms / 100 ms with load
Maximum reset time by de-energisation typically (relay version)
IEC 1812-1: 120 ms
Repeatability
IEC 1812-1: ≤ ± 0,5%
Repetition accuracy with constant parameters
IEC 1812-1: ≤ ± 10%
Drift Temperature
≤ ± 0.05% / °C
Voltage-dependent drift
≤ ± 0.2% / V
Supply
Multi-voltage power supply
12→240 V∿/⎓
Operating range
15%, +10%
Operating frequency (Hz)
50 / 60 Hz ± 5%
Galvanic isolation
No
Max. absorbed power
Approx. 3 VA (V∿) 1.5 W (V⎓)
Immunity from micro power cuts
10 ms
BA1R
Timers
Syrline
17.5 mm - 1 Relay 16A


Similar Part No. - BA1R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
Carling Technologies
BA1-B0-34-610-121 CARLINGTECH-BA1-B0-34-610-121 Datasheet
3Mb / 18P
   CIRUIT BREAKER
logo
List of Unclassifed Man...
BA101 ETC-BA101 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA102 ETC-BA102 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA103 ETC-BA103 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
More results

Similar Description - BA1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
   Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
   Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
   Multi-function or mono-function
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
   Multi-Function Gates
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
   MULTI-FUNCTION MODULE
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
   MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
   MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
   MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com