Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0764105617 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0764105617
Description  Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0764105617 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0764105617 Datasheet HTML 1Page - Molex Electronics Ltd. 0764105617 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0764105617
Status:
Active
Overview:
Impact™ Backplane Connector and Cable Assembly System
Description:
Impact™ 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall, 16
Columns, 144 Circuits, Pin Length 4.90mm, Plated Through Hole Dimension 0.39mm,
Keying Orientation A, Lead-Free
Documents:
3D Model
Application Specification AS-76060-9999-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-762 (PDF)
Product Specification PS-76060-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-76060-990-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
76410
Application
Coplanar
Application Tooling Documents
TM-622018799
Component Type
PCB Header
Overview
Impact™ Backplane Connector and Cable Assembly
System
Product Name
Impact™
UPC
887191046136
Physical
Circuits (Loaded)
144
Circuits (maximum)
144
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
17.650/g
Number of Columns
16
Number of Pairs
3
Number of Rows
9
Orientation
Right Angle
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
76410 Series
Mates With
76170 Impact™ 100 Ohm 3 Pair Right Angle
Daughtercard


Similar Part No. - 0764105617

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0764105607 MOLEX11-0764105607 Datasheet
47Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764105608 MOLEX11-0764105608 Datasheet
47Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
More results

Similar Description - 0764105617

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0764105818 MOLEX11-0764105818 Datasheet
38Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764105107 MOLEX11-0764105107 Datasheet
51Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764105108 MOLEX11-0764105108 Datasheet
62Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764105607 MOLEX11-0764105607 Datasheet
47Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764105804 MOLEX11-0764105804 Datasheet
52Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764105807 MOLEX11-0764105807 Datasheet
52Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764105608 MOLEX11-0764105608 Datasheet
47Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Right Guide, Open Endwall
0764103104 MOLEX11-0764103104 Datasheet
46Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Left Guide, Open Endwall
0764103108 MOLEX11-0764103108 Datasheet
45Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Left Guide, Open Endwall
0764103608 MOLEX11-0764103608 Datasheet
46Kb / 2P
   Impact 100 Ohm 3 Pair Right Angle Male Header, Left Guide, Open Endwall,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com