Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-261N Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-261N
Description  遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-261N Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-261N Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-261N Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
6
6 − 135
HCPL-261A/061A/061N/063A/063N/261N/263A/263N
OUTPUT V
MONITORING
NODE
O
1.5 V
tEHL
tELH
VE
INPUT
O
V
OUTPUT
3.0 V
1.5 V
+5 V
7
5
6
8
2
3
4
1
PULSE GEN.
Z
= 50
t = t = 5 ns
O
f
IF
L
R
CC
V
0.1µF
BYPASS
*C L
*C
IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
L
GND
r
3.5 mA
INPUT VE
MONITORING NODE
HCPL-261A/261N
-60
0
TA – TEMPERATURE – °C
100
90
120
-20
30
20
60
-40
0
40
80
60
VCC = 5.0 V
VEH = 3.0 V
VEL = 0 V
IF = 3.5 mA
tELH, RL = 4 kΩ
tELH, RL = 1 kΩ
tEHL, RL = 350 Ω, 1k Ω, 4 kΩ
tELH, RL = 350 Ω
図15.tEHL , tELH テスト回路
V
O
0.5 V
O
V
(min.)
5 V
0 V
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 3.5 mA
F
CM
V
H
CM
CM L
O
V
(max.)
CM
V
(PEAK)
VO
+5V
7
5
6
8
2
3
4
1
CC
V
0.1 µF
BYPASS
GND
OUTPUT V
MONITORING
NODE
O
PULSE GEN.
Z
= 50
O
+
_
350
IF
B
A
VFF
CM
V
HCPL-261A/261N
図17.瞬時同相除去電圧測定回路
図16.イネーブル伝達遅延―温度特性
(HCPL-261A/-261N/-061A/-061N )
6章118-160(PDF用)
01.5.24, 4:26 PM
Page 135
Adobe PageMaker 6.0J/PPC


Similar Part No. - HCPL-261N

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-261N HP-HCPL-261N Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-261N HP-HCPL-261N Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-261N HP-HCPL-261N Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N AVAGO-HCPL-261N Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261N AVAGO-HCPL-261N Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
More results

Similar Description - HCPL-261N

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2306LVM AKM-AK2306LVM Datasheet
887Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2306VM AKM-AK2306VM Datasheet
893Kb / 36P
   ISDN/VoIP?욍꺖?잆깏?ャ궋??깤?욜뵪 竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
AK2303LVM AKM-AK2303LVM Datasheet
955Kb / 40P
   PBX訝삭즳營?궋?듽꺆?겹꺀?ㅳ꺍?ャ꺖?됬뵪竊믡긽?c꺍?띲꺂 竊곤샬竊?궠?쇈깈?껁궚 竊э설竊
logo
Torex Semiconductor
XC3202B TOREX-XC3202B Datasheet
316Kb / 9P
   鵝롦텋縕삯쎔?쎼깫?쇈꺂 IC竊덄즯麗쀣궩?녈궢
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com