Electronic Components Datasheet Search |
|
BTA204M-800E Datasheet(PDF) 3 Page - NXP Semiconductors |
|
BTA204M-800E Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 8 page December 1998 3 Rev 1.000 Philips Semiconductors Product specification Three quadrant triacs guaranteed commutation BTA204S series D, E and F BTA204M series D, E and F THERMAL RESISTANCES SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT R th j-mb Thermal resistance full cycle - - 3.0 K/W junction to mounting base half cycle - - 3.7 K/W R th j-a Thermal resistance pcb (FR4) mounted; footprint as in Fig.14 - 75 - K/W junction to ambient STATIC CHARACTERISTICS T j = 25 ˚C unless otherwise stated SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT BTA204S (or BTA204M)- ...D ...E ...F I GT Gate trigger current 2 V D = 12 V; IT = 0.1 A T2+ G+ - - 5 10 25 mA T2+ G- - - 5 10 25 mA T2- G- - - 5 10 25 mA I L Latching current V D = 12 V; IGT = 0.1 A T2+ G+ - - 6 12 20 mA T2+ G- - - 9 18 30 mA T2- G- - - 6 12 20 mA I H Holding current V D = 12 V; IGT = 0.1 A - - 6 12 20 mA V T On-state voltage I T = 5 A - 1.4 1.7 V V GT Gate trigger voltage V D = 12 V; IT = 0.1 A - 0.7 1.5 V V D = 400 V; IT = 0.1 A; 0.25 0.4 - V T j = 125 ˚C I D Off-state leakage V D = VDRM(max); Tj = 125 ˚C - 0.1 0.5 mA current DYNAMIC CHARACTERISTICS T j = 25 ˚C unless otherwise stated SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT BTA204S (or BTA204M)- ...D ...E ...F dV D/dt Critical rate of rise of V DM = 67% VDRM(max);20 30 50 - - V/ µs off-state voltage T j = 125 ˚C; exponential waveform; gate open circuit dI com/dt Critical rate of change V DM = 400 V; Tj = 125 ˚C; 1.0 2.0 2.5 - - A/ms of commutating current I T(RMS) = 4 A; dV com/dt = 20V/µs; gate open circuit dI com/dt Critical rate of change V DM = 400 V; Tj = 125 ˚C; 5.0 - - - - A/ms of commutating current I T(RMS) = 4 A; dV com/dt = 0.1V/µs; gate open circuit t gt Gate controlled turn-on I TM = 12 A; VD = VDRM(max);- - - 2 - µs time I G = 0.1 A; dIG/dt = 5 A/µs 2 Device does not trigger in the T2-, G+ quadrant. |
Similar Part No. - BTA204M-800E |
|
Similar Description - BTA204M-800E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |