Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10ELT22DTR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10ELT22DTR2
Description  5VDual TTL to Differential PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT22DTR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10ELT22DTR2 Datasheet HTML 1Page - ON Semiconductor MC10ELT22DTR2 Datasheet HTML 2Page - ON Semiconductor MC10ELT22DTR2 Datasheet HTML 3Page - ON Semiconductor MC10ELT22DTR2 Datasheet HTML 4Page - ON Semiconductor MC10ELT22DTR2 Datasheet HTML 5Page - ON Semiconductor MC10ELT22DTR2 Datasheet HTML 6Page - ON Semiconductor MC10ELT22DTR2 Datasheet HTML 7Page - ON Semiconductor MC10ELT22DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10ELT22, MC100ELT22
http://onsemi.com
3
TTL INPUT DC CHARACTERISTICS VCC = 4.75 V to 5.25 V; TA = –40°C to 85°C
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
IIH
Input HIGH Current
VIN = 2.7 V
20
µA
IIHH
Input HIGH Current
VIN = 7.0 V
100
µA
IIL
Input LOW Current
VIN = 0.5 V
–0.6
mA
VIK
Input Clamp Diode Voltage
IIN = –18 mA
–1.2
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
AC CHARACTERISTICS VCC= 4.75 V to 5.25 V; GND= 0.0 V
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Input Frequency
100
100
100
MHz
tPLH
Propagation Delay (Note 1.)
1.5 V to 50%
0.6
1.2
0.9
1.2
1.5
0.6
1.35
ns
tPHL
Propagation Delay (Note 1.)
1.5 V to 50%
0.4
1.0
0.5
0.8
1.1
0.7
1.30
ns
tJITTER
Cycle–to–Cycle Jitter
TBD
TBD
TBD
ps
tr/tf
Output Rise/Fall Time
(20–80%)
0.4
1.6
0.4
1.6
0.4
1.6
ns
1. Specifications for standard TTL input signal.
V TT = V CC – 2.0 V
Figure 1. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020 – Termination of ECL Logic Devices.)
W
Driver
Device
Receiver
Device
Q
Qb
D
Db
50
W
50
V TT


Similar Part No. - MC10ELT22DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT22DTR2 ONSEMI-MC10ELT22DTR2 Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC10ELT22DTR2G ONSEMI-MC10ELT22DTR2G Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC10ELT22DTR2G ONSEMI-MC10ELT22DTR2G Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com