Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI826X Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI826X
Description  Rail-to-rail output voltage
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI826X Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI826X Datasheet HTML 6Page - Silicon Laboratories SI826X Datasheet HTML 7Page - Silicon Laboratories SI826X Datasheet HTML 8Page - Silicon Laboratories SI826X Datasheet HTML 9Page - Silicon Laboratories SI826X Datasheet HTML 10Page - Silicon Laboratories SI826X Datasheet HTML 11Page - Silicon Laboratories SI826X Datasheet HTML 12Page - Silicon Laboratories SI826X Datasheet HTML 13Page - Silicon Laboratories SI826X Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Si826x
10
Rev. 1.3
Table 5. IEC 60664-1 (VDE 0884) Ratings
Parameter
Test Conditions
Specification
SOIC-8
DIP8
SDIP6
LGA8
Basic Isolation Group
Material Group
I
I
I
I
Installation
Classification
Rated Mains Voltages <
150 VRMS
I-IV
I-IV
I-IV
I-IV
Rated Mains Voltages <
300 VRMS
I-IV
I-IV
I-IV
I-IV
Rated Mains Voltages <
450 VRMS
I-III
I-III
I-IV
I-IV
Rated Mains Voltages <
600 VRMS
I-III
I-III
I-IV
I-IV
Rated Mains Voltages <
1000 VRMS
I-II
I-II
I-III
I-III
Table 6. IEC 60747-5-2 (VDE 0884-10) Insulation Characteristics*
Parameter
Symbol
Test Condition
Characteristic
Unit
SOIC-8
DIP8
SDIP6
LGA8
Maximum Working
Insulation Voltage
VIORM
630
891
1140
1414
V peak
Input to Output Test
Voltage
VPR
Method b1
(VIORM x 1.875 = VPR,
100%
Production Test, tm = 1 sec,
Partial Discharge < 5 pC)
1181
1671
2138
2652
V peak
Transient Overvoltage
VIOTM
t = 60 sec
6000
6000
8000
8000
V peak
Pollution Degree
(DIN VDE 0110, Table 1)
22
2
2
Insulation Resistance at
TS, VIO =500 V
RS
>109
>109
>109
>109
*Note:
This isolator is suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety
data is ensured by protective circuits. The Si826x provides a climate classification of 40/125/21.
Table 7. IEC Safety Limiting Values*
Parameter
Symbol
Test Condition
Max
Unit
SOIC-8
DIP8
SDIP6
LGA8
Case Temperature
TS
140
140
140
140
°C
Input Current
IS
JA = 110 °C/W (SOIC-8),
110 °C/W (DIP8),
105 °C/W (SDIP6),
220 °C (LGA8),
VF =2.8 V, TJ =140 °C,
TA =25°C
370
370
390
185
mA
Output Power
PS
11
1
0.5
W
*Note:
Maximum value allowed in the event of a failure; also see the thermal derating curve in Figures 5, 6, 7, and 8.


Similar Part No. - SI826X

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI826X SILICONIMAGE-SI826X Datasheet
423Kb / 42P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon image
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
More results

Similar Description - SI826X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
   Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
   Rail-to-rail output voltage
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
   Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
   Rail-to-rail output voltage
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com