Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA204W-800F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA204W-800F
Description  BTA204W series D, E and F Three quadrant triacs guaranteed commutation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA204W-800F Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA204W-800F Datasheet HTML 1Page - NXP Semiconductors BTA204W-800F Datasheet HTML 2Page - NXP Semiconductors BTA204W-800F Datasheet HTML 3Page - NXP Semiconductors BTA204W-800F Datasheet HTML 4Page - NXP Semiconductors BTA204W-800F Datasheet HTML 5Page - NXP Semiconductors BTA204W-800F Datasheet HTML 6Page - NXP Semiconductors BTA204W-800F Datasheet HTML 7Page - NXP Semiconductors BTA204W-800F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
December 1998
2
Rev 1.000
Philips Semiconductors
Product specification
Three quadrant triacs
guaranteed commutation
BTA204W series D, E and F
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated guaranteed commutation
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
triacs in a plastic envelope suitable for
surface mounting, intended for use in
BTA204W-
500D
600D
-
motor control circuits or with other
BTA204W-
500E
600E
800E
highly inductive loads. These devices
BTA204W-
500F
600F
800F
balance
the
requirements
of
V
DRM
Repetitive peak
500
600
800
V
commutation performance and gate
off-state voltages
sensitivity. The "sensitive gate" E
I
T(RMS)
RMS on-state current
1
1
1
A
series and "logic level" D series are
I
TSM
Non-repetitive peak on-state
10
10
10
A
intended for interfacing with low power
current
drivers, including micro controllers.
PINNING - SOT223
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
tab
main terminal 2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500
-600
-800
V
DRM
Repetitive peak off-state
-
500
1
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave;
-
1
A
T
sp ≤ 108 ˚C
I
TSM
Non-repetitive peak
full sine wave;
on-state current
T
j = 25 ˚C prior to
surge
t = 20 ms
-
10
A
t = 16.7 ms
-
11
A
I
2tI2t for fusing
t = 10 ms
-
0.5
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 1.5 A;
100
A/
µs
on-state current after
I
G = 0.2 A;
triggering
dI
G/dt = 0.2 A/µs
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms
-
0.5
W
period
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
4
1
23
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 6 A/
µs.


Similar Part No. - BTA204W-800F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204W-800B PHILIPS-BTA204W-800B Datasheet
55Kb / 6P
   Three quadrant triacs high commutation
December 1998 Rev 1.000
BTA204W-800C PHILIPS-BTA204W-800C Datasheet
55Kb / 6P
   Three quadrant triacs high commutation
December 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204W-800C WEEN-BTA204W-800C Datasheet
254Kb / 14P
   3Q Hi-Com Triac
BTA204W-800E WEEN-BTA204W-800E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
More results

Similar Description - BTA204W-800F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com