Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8275DBD-IS1 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si8275DBD-IS1
Description  Single PWM or dual digital inputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8275DBD-IS1 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si8275DBD-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 11Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 12Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 13Page - Silicon Laboratories Si8275DBD-IS1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
2.3 Power Supply Connections
Isolation requirements mandate individual supplies for VDDI, VDDA, and VDDB. The decoupling caps for these supplies must be
placed as close to the VDD and GND pins of the Si827x as possible. The optimum values for these capacitors depend on load current
and the distance between the chip and the regulator that powers it. Low effective series resistance (ESR) capacitors, such as Tantalum,
are recommended.
2.4 Power Dissipation Considerations
Proper system design must assure that the Si827x operates within safe thermal limits across the entire load range.The Si827x total
power dissipation is the sum of the power dissipated by bias supply current, internal parasitic switching losses, and power dissipated by
the series gate resistor and load. The equation below shows total Si827x power dissipation.
PD = (VDDI)(IDDI) + 2(IDD2)(VDD2) + ( f )(QG)
(V
DD2
) Rp
Rp + Rg
+
(f)(Q
G
)(V
DD2
) Rn
Rn + Rg
+ 2 fCintVDD22
where:
PD is the total Si827x device power dissipation (W)
IDDI is the input-side maximum bias current (10 mA)
IDD2 is the driver die maximum bias current (4 mA)
Cint is the internal parasitic capacitance (370 pF)
VDDI is the input-side VDD supply voltage (2.5 to 5.5 V)
VDD2 is the driver-side supply voltage (4.2 to 30 V)
f is the switching frequency (Hz)
QG is the gate charge of external FET
RG is the external gate resistor
RP is the RDS(ON) of the driver pull-up switch: 2.7 Ω
Rn is the RDS(ON) of the driver pull-down switch: 1 Ω
Equation 1
Power dissipation example for driver using Equation 1 with the following givens:
VDDI = 5.0 V
VDD2 = 12 V
f = 350 kHz
RG = 22 Ω
QG = 25 nC
Pd = 199 mW
From which the driver junction temperature is calculated using Equation 2, where:
Pd is the total Si827x device power dissipation (W)
θja is the thermal resistance from junction to air (105 °C/W in this example)
TA is the ambient temperature
T j = Pd × θ ja + TA = (0.199)(105) + 20 = 41.0 ° C
Si827x Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 9


Similar Part No. - Si8275DBD-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8275DBD-IS1 SILABS-SI8275DBD-IS1 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI8275DBD-IS1 SKYWORKS-SI8275DBD-IS1 Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results

Similar Description - Si8275DBD-IS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA05B ETC-AA05B Datasheet
37Kb / 2P
   6W max 4.5V or 24V or 48V inputs Single / Dual output
logo
Gennum Corporation
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
logo
List of Unclassifed Man...
DMX710 ETC1-DMX710 Datasheet
275Kb / 6P
   DMX512 Transmitter with 6/8/12 digital or analoge inputs
logo
THOR communications
H-2ADHD-QAM-IP THOR-H-2ADHD-QAM-IP Datasheet
511Kb / 1P
   Convert 2 HD or SD Inputs to Digital HDTV Channels
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com