Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848CDW1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # BC848CDW1
Description  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CDW1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button BC848CDW1 Datasheet HTML 3Page - ON Semiconductor BC848CDW1 Datasheet HTML 4Page - ON Semiconductor BC848CDW1 Datasheet HTML 5Page - ON Semiconductor BC848CDW1 Datasheet HTML 6Page - ON Semiconductor BC848CDW1 Datasheet HTML 7Page - ON Semiconductor BC848CDW1 Datasheet HTML 8Page - ON Semiconductor BC848CDW1 Datasheet HTML 9Page - ON Semiconductor BC848CDW1 Datasheet HTML 10Page - ON Semiconductor BC848CDW1 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BC846BDW1, BC847BDW1, BC848CDW1
www.onsemi.com
9
Figure 34. Thermal Response
t, TIME (ms)
1.0
1.0
0
0.1
0.01
0.001
10
100
1.0k
10k
100k
Figure 35. Active Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (V)
-200
-1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
ZqJA(t) = r(t) RqJA
RqJA = 3285C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
-100
-50
-10
-5.0
-2.0
-5.0
-10
-30 -45 -65
-100
1 s
BC558
BC557
BC556
The safe operating area curves indicate IC−VCE limits
of the transistor that must be observed for reliable
operation. Collector load lines for specific circuits must
fall below the limits indicated by the applicable curve.
The data of Figure 35 is based upon TJ(pk) = 150
°C; TC
or TA is variable depending upon conditions. Pulse
curves are valid for duty cycles to 10% provided TJ(pk)
150
°C. TJ(pk) may be calculated from the data in
Figure 34. At high case or ambient temperatures,
thermal limitations will reduce the power that can be
handled to values less than the limitations imposed by the
secondary breakdown.
1.0M
0.02
0.01


Similar Part No. - BC848CDW1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC848CDW1T1 ONSEMI-BC848CDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC848CDW1T1 ETL-BC848CDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC848CDW1T1G ONSEMI-BC848CDW1T1G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC848CDW1T1G ONSEMI-BC848CDW1T1G Datasheet
144Kb / 11P
   Dual General Purpose Transistors
September, 2012 ??Rev. 9
More results

Similar Description - BC848CDW1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com