Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1816S-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SD1816S-H
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816S-H Datasheet(HTML) 1 Page - ON Semiconductor

  2SD1816S-H Datasheet HTML 1Page - ON Semiconductor 2SD1816S-H Datasheet HTML 2Page - ON Semiconductor 2SD1816S-H Datasheet HTML 3Page - ON Semiconductor 2SD1816S-H Datasheet HTML 4Page - ON Semiconductor 2SD1816S-H Datasheet HTML 5Page - ON Semiconductor 2SD1816S-H Datasheet HTML 6Page - ON Semiconductor 2SD1816S-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Publication Order Number :
2SB1216_2SD1816/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2016
March 2016 - Rev. 2
2SB1216, 2SD1816
Bipolar Transistor
(
−)100V, (−)4A, Low VCE(sat),
(PNP)NPN Single
Features
• Low Collector to Emitter Saturation Voltage
• Small and Slim Package Facilitating Compactness of Sets
• High fT
• Good Linearity of hFE
• Fast Switching Time
Typical Applications
• Suitable for Relay Drivers
• High Speed Inverters
• Converters
• Other General High Current Switching Applications
SPECIFICATIONS
( ) : 2SB1216
ABSOLUTE MAXIMUM RATING
at Ta = 25
°C (Note 1)
Parameter
Symbol
Value
Unit
Collector to Base Voltage
VCBO
(
−) 120
V
Collector to Emitter Voltage
VCEO
(
−) 100
V
Emitter to Base Voltage
VEBO
(
−) 6
V
Collector Current
IC
(
−) 4
A
Collector Current (Pulse)
ICP
(
−) 8
A
Collector Dissipation
PC
1W
Tc=25
°C
20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note 1 : Stresses exceeding those listed in the Maximum Ratings table may damage
the device. If any of these limits are exceeded, device functionality should not
be assumed, damage may occur and reliability may be affected.
ELECTRICAL CONNECTION
MARKING
ORDERING INFORMATION
See detailed ordering and shipping
information on page 7 of this data sheet.
2,4
3
1
2SD1816
2,4
3
1
2SB1216
1: Base
2 : Collector
3: Emitter
4 : Collector
B1216
D1816
LOT No.
RANK
LOT No.
RANK
IPAK / TP
1
2
3
4
DPAK / TP-FA
4
1
2
3


Similar Part No. - 2SD1816S-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-H ONSEMI-2SD1816S-H Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SD1816S-H ONSEMI-2SD1816S-H Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SD1816S-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com