Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8640BC-B-IS1 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si8640BC-B-IS1
Description  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8640BC-B-IS1 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si8640BC-B-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 11Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 12Page - Silicon Laboratories Si8640BC-B-IS1 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
3.5 Typical Performance Characteristics
The typical performance characteristics depicted in the following diagrams are for information purposes only. Refer to 4. Electrical
Specifications for actual specification limits.
Figure 3.2. Si8640/45 Typical VDD1 Supply Current vs. Data
Rate 5, 3.3, and 2.5 V Operation
Figure 3.3. Si8640/45 Typical VDD2 Supply Current vs. Data
Rate 5, 3.3, and 2.5 V
Figure 3.4. Si8641 Typical VDD1 Supply Current vs. Data
Rate 5, 3.3, and 2.5 V Operation
Figure 3.5. Si8641 Typical VDD2 Supply Current vs. Data Rate
5, 3.3, and 2.5 V Operation (15 pF Load)
Figure 3.6. Si8642 Typical VDD1 or VDD2 Supply Current vs.
Data Rate 5, 3.3, and 2.5 V Operation (15 pF Load)
Figure 3.7. Propagation Delay vs. Temperature (5.0 V Data)
Si864x Data Sheet
Device Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 8


Similar Part No. - Si8640BC-B-IS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Si8640BC-B-IS1 STMICROELECTRONICS-Si8640BC-B-IS1 Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8640BC-B-IS1 SILABS-SI8640BC-B-IS1 Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8640BC-B-IS1 SKYWORKS-SI8640BC-B-IS1 Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Similar Description - Si8640BC-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com