Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5347-46 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI5347-46
Description  Data Sheet Errata for Product Revision B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347-46 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5347-46 Datasheet HTML 5Page - Silicon Laboratories SI5347-46 Datasheet HTML 6Page - Silicon Laboratories SI5347-46 Datasheet HTML 7Page - Silicon Laboratories SI5347-46 Datasheet HTML 8Page - Silicon Laboratories SI5347-46 Datasheet HTML 9Page - Silicon Laboratories SI5347-46 Datasheet HTML 10Page - Silicon Laboratories SI5347-46 Datasheet HTML 11Page - Silicon Laboratories SI5347-46 Datasheet HTML 12Page - Silicon Laboratories SI5347-46 Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
9. SMBUS Timeout Register Setting (SMBUS_TIMEOUT) Does Not Assert
Description
The SMBus timeout register setting (SMBUS_TIMEOUT) does not assert when the device exceeds the 35 ms maximum value prescri-
bed by the standard.
Impact
If SMBUS_TIMEOUT is mapped to affect the hardware interrupt pin (INTR#), the SDA bus will not be released as expected and re-
quired by the SMBus standard.
Workaround
None. Avoid reliance on the SMBus timeout feature.
Resolution
This erratum will be fixed in the next silicon revision.
Data Sheet Errata for Product Revision B
SMBUS Timeout Register Setting (SMBUS_TIMEOUT) Does Not Assert
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 9


Similar Part No. - SI5347-46

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5347-D-EVB SILABS-Si5347-D-EVB Datasheet
948Kb / 55P
   Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
logo
Skyworks Solutions Inc.
SI5347-D-EVB SKYWORKS-SI5347-D-EVB Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
logo
Silicon Laboratories
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
More results

Similar Description - SI5347-46

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MN725-1250.0000 APITECH-MN725-1250.0000 Datasheet
326Kb / 4P
   Product Data Sheet Revision 022210
MN725-2500.0000 APITECH-MN725-2500.0000 Datasheet
117Kb / 4P
   Product Data Sheet Revision 100909
MN725-0625.0000 APITECH-MN725-0625.0000 Datasheet
190Kb / 4P
   Product Data Sheet Revision 032510
MN725-0500.0000 APITECH-MN725-0500.0000 Datasheet
183Kb / 4P
   Product Data Sheet Revision 032510
MN725 APITECH-MN725 Datasheet
682Kb / 4P
   Product Data Sheet Revision 022210
logo
Microchip Technology
PIC12C508A-04I MICROCHIP-PIC12C508A-04I Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC12C509A-04-P MICROCHIP-PIC12C509A-04-P Datasheet
75Kb / 4P
   PIC12C5XX Data Sheet Errata
10/20/04
PIC16F62X MICROCHIP-PIC16F62X_02 Datasheet
282Kb / 20P
   Silicon/Data Sheet Errata
2002
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
   Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC12C508-04 MICROCHIP-PIC12C508-04 Datasheet
260Kb / 12P
   PIC12C508/509 Data Sheet Errata
02/12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com