Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si534fA Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si534fA
Description  10-CHANNEL
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si534fA Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si534fA Datasheet HTML 4Page - Silicon Laboratories Si534fA Datasheet HTML 5Page - Silicon Laboratories Si534fA Datasheet HTML 6Page - Silicon Laboratories Si534fA Datasheet HTML 7Page - Silicon Laboratories Si534fA Datasheet HTML 8Page - Silicon Laboratories Si534fA Datasheet HTML 9Page - Silicon Laboratories Si534fA Datasheet HTML 10Page - Silicon Laboratories Si534fA Datasheet HTML 11Page - Silicon Laboratories Si534fA Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Si5345/44/42
8
Rev. 1.0
Table 4. Control Input Pin Specifications
(VDD =1.8 V ±5%, VDDA =3.3 V ±5%, VDDS = 3.3 V ±5%, 1.8 V ±5%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si5345 Control Input Pins (I2C_SEL, IN_SEL[1:0], RST, OE, A1, SCLK, A0/CS, FINC, FDEC, SDA/SDIO)
Input Voltage
VIL
0.3 x VDDIO
*
V
VIH
0.7 x VDDIO
*
——
V
Input Capacitance
CIN
—2
pF
Input Resistance
RIN
—20
k
Minimum Pulse Width
PW
RST, FINC and
FDEC
50
ns
Update Rate
TUR
FINC and FDEC
1
µs
Si5344/42 Control Input Pins (I2C_SEL, IN_SEL[1:0], RST, OE, A1, SCLK, A0/CS, SDA/SDIO)
Input Voltage
VIL
0.3 x VDDIO
*
V
VIH
0.7 x VDDIO
*
——
V
Input Capacitance
CIN
—2
pF
Input Resistance
RIN
—20
k
Minimum Pulse Width
PW
RST
50
ns
*Note: VDDIO is determined by the IO_VDD_SEL bit. It is selectable as VDDA or VDD. See the Si5345/44/42 Family Reference
Manual for more details on the proper register settings.


Similar Part No. - Si534fA

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Si534 SILABS-Si534 Datasheet
170Kb / 2P
   Silicon Labs is pleased to announce rev 1.2 for the Si530
logo
Skyworks Solutions Inc.
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI5340 SILABS-SI5340 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
Si5340 SILABS-Si5340 Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
More results

Similar Description - Si534fA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181D AD-ADV7181D Datasheet
380Kb / 24P
   10-Bit, 10-Channel, Multiformat SDTV/HDTV
REV. 0
logo
National Semiconductor ...
DS92LV8028 NSC-DS92LV8028 Datasheet
381Kb / 16P
   8 Channel 10:1 Serializer
logo
Analog Devices
AD7718 AD-AD7718_15 Datasheet
326Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
logo
Texas Instruments
DS92LV8028 TI1-DS92LV8028_13 Datasheet
697Kb / 22P
[Old version datasheet]   8 Channel 10:1 Serializer
logo
Analog Devices
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
logo
ON Semiconductor
NCV7725B ONSEMI-NCV7725B Datasheet
563Kb / 27P
   10 Channel Half-Bridge Driver
January, 2020 ??Rev. 0
logo
Analog Devices
AD7718BRZ AD-AD7718BRZ Datasheet
300Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
AD7708 AD-AD7708_15 Datasheet
326Kb / 44P
   8-/10-Channel, Low Voltage
REV. 0
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com