Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7034 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI7034
Description  Mobile smartphones and tablets
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7034 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI7034 Datasheet HTML 2Page - Silicon Laboratories SI7034 Datasheet HTML 3Page - Silicon Laboratories SI7034 Datasheet HTML 4Page - Silicon Laboratories SI7034 Datasheet HTML 5Page - Silicon Laboratories SI7034 Datasheet HTML 6Page - Silicon Laboratories SI7034 Datasheet HTML 7Page - Silicon Laboratories SI7034 Datasheet HTML 8Page - Silicon Laboratories SI7034 Datasheet HTML 9Page - Silicon Laboratories SI7034 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Si7034-A10
6
Rev. 1.0
Figure 1. I2C Interface Timing Diagram
Start Setup Time
tSTS
0.6
µs
Stop Setup Time
tSPS
0.6
µs
Bus Free Time
tBUF
Between Stop and Start
1.3
µs
SDA Setup Time
tDS
100
ns
SDA Hold Time
tDH
100
ns
SDA Valid Time
tVD;DAT
From SCL low to data valid
0.9
µs
SDA Acknowledge Valid Time
tVD;ACK
From SCL low to data valid
0.9
µs
Suppressed Pulse Width3
tSP
50
ns
Table 3. I2C Interface Specifications1 (Continued)
1.67
 V
DD  1.98 V; TA = –40 to +125 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. All values are referenced to VIL and/or VIH.
2. Depending on the conversion command, the Si7034 may hold the master during the conversion (clock stretch). At
above 300 kHz SCL, the Si7034 may hold the master briefly for user register and device ID transactions. At the highest
I2C speed of 400 kHz the stretching will be <50 µs.
3. Pulses up to and including 50 ns will be suppressed.
SCL
D7
1/fSCL
tSKH
SDA
tSKL
tSTH
D6
D5
D0
R/W
ACK
tDS
tDH
Start Bit
Stop Bit
tBUF
tSTS
tVD : ACK
tSPS
tSP


Similar Part No. - SI7034

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
More results

Similar Description - SI7034

ManufacturerPart #DatasheetDescription
logo
Kingston Technology Far...
DTDUO3G2 KINGSTON-DTDUO3G2 Datasheet
172Kb / 2P
   Expanded storage for tablets and smartphones
logo
IOGEAR
GSTYA100 IOGEAR-GSTYA100 Datasheet
147Kb / 3P
   PenScript??Active Stylus for Smartphones and Tablets
GSTY103 IOGEAR-GSTY103 Datasheet
141Kb / 2P
   Touch Point Stylus for Tablets and Smartphones
GSTY200 IOGEAR-GSTY200 Datasheet
126Kb / 2P
   Accu-Tip Stylus for Tablets and Smartphones
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
   Dual Output LCD Bias for Smartphones and Tablets
logo
OmniVision Technologies...
OV2281 OMNIVISION-OV2281 Datasheet
676Kb / 2P
   Biometric Security for Next-Generation Smartphones, Tablets, and Notebooks
logo
Shenzhen Huazhimei Semi...
HM103D HMSEMI-HM103D Datasheet
954Kb / 11P
   Chargers for smartphones, tablets, netbooks, digital cameras and Bluetooth accessories
logo
OmniVision Technologies...
OV2686 OMNIVISION-OV2686 Datasheet
4Mb / 2P
   Cost-Effective, Low-Power 2-Megapixel Sensors for Feature Phones, Smartphones and Tablets
OV2685 OMNIVISION-OV2685 Datasheet
1Mb / 2P
   Cost-Effective, Low-Power 2-Megapixel Sensors for Feature Phones, Smartphones and Tablets
OV5693 OMNIVISION-OV5693 Datasheet
2Mb / 2P
   High-Performance 5-Megapixel Image Sensor for Front-Facing Cameras in Flagship Smartphones and Tablets
Version 1.1, October, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com