Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8642BB-B-IS1 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si8642BB-B-IS1
Description  High-speed operation
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8642BB-B-IS1 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si8642BB-B-IS1 Datasheet HTML 3Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 9Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 10Page - Silicon Laboratories Si8642BB-B-IS1 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Table 3.2. Enable Input Truth
Part Number
EN11, 2
EN21, 2
Operation
Si8640
H
Outputs B1, B2, B3, B4 are enabled and follow the input state.
L
Outputs B1, B2, B3, B4 are disabled and in high impedance state.3
Si8641
H
X
Output A4 enabled and follows the input state.
L
X
Output A4 disabled and in high impedance state.3
X
H
Outputs B1, B2, B3 are enabled and follow the input state.
X
L
Outputs B1, B2, B3 are disabled and in high impedance state.3
Si8642
H
X
Outputs A3 and A4 are enabled and follow the input state.
L
X
Outputs A3 and A4 are disabled and in high impedance state.3
X
H
Outputs B1 and B2 are enabled and follow the input state.
X
L
Outputs B1 and B2 are disabled and in high impedance state.3
Si8645
Outputs B1, B2, B3, B4 are enabled and follow the input state.
Note:
1. Enable inputs EN1 and EN2 can be used for multiplexing, for clock sync, or other output control. EN1, EN2 logic operation is
summarized for each isolator product in Table 2. These inputs are internally pulled-up to local VDD allowing them to be connec-
ted to an external logic level (high or low) or left floating. To minimize noise coupling, do not connect circuit traces to EN1 or EN2
if they are left floating. If EN1, EN2 are unused, it is recommended they be connected to an external logic level, especially if the
Si86xx is operating in a noisy environment.
2. X = not applicable; H = Logic High; L = Logic Low.
3. When using the enable pin (EN) function, the output pin state is driven into a high-impedance state when the EN pin is disabled
(EN = 0).
Si864x Data Sheet
Device Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 2.0 | 6


Similar Part No. - Si8642BB-B-IS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Si8642BB-B-IS1 STMICROELECTRONICS-Si8642BB-B-IS1 Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8642BB-B-IS1 SILABS-SI8642BB-B-IS1 Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8642BB-B-IS1 SKYWORKS-SI8642BB-B-IS1 Datasheet
1Mb / 46P
   Low-Power, Quad-Channel Digital Isolators
Revision 1.3
More results

Similar Description - Si8642BB-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI80XX-1KV SILABS-SI80XX-1KV Datasheet
1Mb / 23P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com